Electronic Components Datasheet Search
  English  ▼

X  

LMH6612MA/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6612MA/NOPB
Description  Single Supply 345 MHz Rail-to-Rail Output Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6612MA/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMH6612MA/NOPB Datasheet HTML 24Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 25Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 26Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 27Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 28Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 29Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 30Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 31Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
LMH6611, LMH6612
SNOSB00K – NOVEMBER 2007 – REVISED OCTOBER 2013
www.ti.com
Table 3. Performance of the LMH6612 Combined with the ADC121S625
Amplifier
SINAD
SNR
THD
SFDR
ENOB
Notes
Output/ADC Input
(dB)
(dB)
(dB)
(dBc)
2.5
72.2
72.3
−87.7
92.1
11.7
ADC121S625 @ f = 20 kHz
2.5
72.2
72.2
−87.8
90.8
11.7
ADC121S625 @ f = 200 kHz
Figure 73. The FFT Plot of Differential to Differential ADC Driver
28
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH6611 LMH6612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com