Electronic Components Datasheet Search
  English  ▼

X  

TLV2548CPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548CPWR
Description  Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548CPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV2548CPWR Datasheet HTML 19Page - Texas Instruments TLV2548CPWR Datasheet HTML 20Page - Texas Instruments TLV2548CPWR Datasheet HTML 21Page - Texas Instruments TLV2548CPWR Datasheet HTML 22Page - Texas Instruments TLV2548CPWR Datasheet HTML 23Page - Texas Instruments TLV2548CPWR Datasheet HTML 24Page - Texas Instruments TLV2548CPWR Datasheet HTML 25Page - Texas Instruments TLV2548CPWR Datasheet HTML 26Page - Texas Instruments TLV2548CPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = VREFP = 2.7 V to
5.5 V, VREFM = 0 V, SCLK frequency = 20 MHz at 5 V, 15 MHz at 3 V (unless otherwise noted) (continued)
ac specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal-to-noise ratio +distortion
fI = 12 kHz at 200 KSPS
C and I suffix
69
70
dB
THD
Total harmonic distortion
fI = 12 kHz at 200 KSPS
−82
−76
dB
ENOB
Effective number of bits
fI = 12 kHz at 200 KSPS
11.6
Bits
SFDR
Spurious free dynamic range
fI = 12 kHz at 200 KSPS
−84
−75
dB
Analog input
Full power-bandwidth, −3 dB
1
MHz
Full-power bandwidth, −1 dB
500
kHz
reference specifications† (0.1
µF and 10 µF between REFP and REFM pins)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive reference input voltage, REFP
VCC = 2.7 V to 5.5 V
2
VCC
V
Negative reference input voltage, REFM
VCC = 2.7 V to 5.5 V
0
2
V
VCC = 5.5 V
CS = 1,
SCLK = 0, (off)
100
M
Ω
Reference Input impedance
VCC = 5.5 V
CS = 0,
SCLK = 20 MHz (on)
20
25
k
Ω
Reference Input impedance
VCC = 2.7 V
CS = 1,
SCLK = 0 (off)
100
M
Ω
VCC = 2.7 V
CS = 0,
SCLK = 15 MHz (on)
20
25
k
Ω
Reference Input voltage difference, REFP−REFM
VCC = 2.7 V to 5.5 V
2
VCC
V
VCC = 5.5 V
VREF SELECT = 4 V
3.85
4
4.15
V
Internal reference voltage, REFP−REFM
VCC = 5.5 V
VREF SELECT = 2 V
1.925
2
2.075
V
Internal reference voltage, REFP−REFM
VCC = 2.7 V
VREF SELECT = 2 V
1.925
2
2.075
V
Internal reference start-up time
VCC = 5.5 V, 2.7 V with 10 µF compensation cap
20
ms
Internal reference temperature coefficient
VCC = 2.7 V to 5.5 V
16
40†
PPM/
°C
† Specified by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com