Electronic Components Datasheet Search
  English  ▼

X  

LM306D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM306D
Description  Fast Response Times Improved Gain and Accuracy
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM306D Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM306D Datasheet HTML 3Page - Texas Instruments LM306D Datasheet HTML 4Page - Texas Instruments LM306D Datasheet HTML 5Page - Texas Instruments LM306D Datasheet HTML 6Page - Texas Instruments LM306D Datasheet HTML 7Page - Texas Instruments LM306D Datasheet HTML 8Page - Texas Instruments LM306D Datasheet HTML 9Page - Texas Instruments LM306D Datasheet HTML 10Page - Texas Instruments LM306D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM306
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS008A − OCTOBER 1979 − REVISED OCTOBER 1991
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 7
40,000
20,000
0
010
20
30
40
50
60,000
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
80,000
60
TA − Free-Air Temperature − °C
VCC+ = 10 V
VCC+ = 15 V
VCC+ = 15 V
VCC − = − 3 V to − 12 V
VO = 1 to 2 V
RL = ∞
70
Figure 8
0.2
0.1
0
0.3
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
0.4
VCC + = VO = 12 V
TA − Free-Air Temperature − °C
0
10
2030
40
5060
70
VCC − = − 6 V
VID = − 8 mV
See Note A
NOTE A: This parameter was measured using a single 5-ms
pulse.
Figure 9
4
2
1
0
020
40
5
3
t − Time − ns
OUTPUT RESPONSE FOR
VARIOUS INPUT OVERDRIVES
60
80
100
100 mV
20 mV
5 mV
2 mV
10 mV
VCC + = 12 V
VCC − = − 6 V
CL = 15 pF
RL = 390 Ω to 5 V
TA = 25°C
Figure 10
4
3
3
0
020
40
60
5
80
100
20 mV
VCC + = 12 V
VCC − = − 6 V
CL = 15 pF
RL = 390 Ω to 5 V
TA = 25°C
2
t − Time − ns
OUTPUT RESPONSE FOR
VARIOUS INPUT OVERDRIVES
100 mV
10 mV
5 mV
2 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com