Electronic Components Datasheet Search
  English  ▼

X  

LM306D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM306D
Description  Fast Response Times Improved Gain and Accuracy
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM306D Datasheet(HTML) 1 Page - Texas Instruments

  LM306D Datasheet HTML 1Page - Texas Instruments LM306D Datasheet HTML 2Page - Texas Instruments LM306D Datasheet HTML 3Page - Texas Instruments LM306D Datasheet HTML 4Page - Texas Instruments LM306D Datasheet HTML 5Page - Texas Instruments LM306D Datasheet HTML 6Page - Texas Instruments LM306D Datasheet HTML 7Page - Texas Instruments LM306D Datasheet HTML 8Page - Texas Instruments LM306D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM306
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS008A − OCTOBER 1979 − REVISED OCTOBER 1991
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Fast Response Times
D Improved Gain and Accuracy
D Fanout to 10 Series 54/74 TTL Loads
D Strobe Capability
D Short-Circuit and Surge Protection
D Designed to Be Interchangeable With
National Semiconductor LM306
description
The LM306 is a high-speed voltage comparator
with differential inputs, a low-impedance high-
sink-current (100 mA) output, and two strobe
inputs. This device detects low-level analog or
digital signals and can drive digital logic or lamps
and relays directly. Short-circuit protection and
surge-current limiting is provided.
A low-level input at either strobe causes the output
to remain high regardless of the differential
input.When both strobe inputs are either open or
at a high logic level, the output voltage is
controlled by the differential input voltage. The
circuit will operate with any negative supply
voltage between − 3 V and − 12 V with little
difference in performance.
The LM306 is characterized for operation from
0
°C to 70°C.
AVAILABLE OPTIONS
VIOmax
PACKAGE
TA
VIOmax
at 25
°C
SMALL OUTLINE
PLASTIC DIP
TA
at 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
0
°C to 70°C
5 mV
LM306D
LM306P
Copyright
 1991, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
GND
IN +
IN −
VCC−
VCC+
OUT
STROBE 2
STROBE 1
D OR P PACKAGE
(TOP
VIEW)
IN −
IN+
STROBE 2
STROBE 1
OUT
functional block diagram


Similar Part No. - LM306D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM306D TI2-LM306D Datasheet
479Kb / 15P
DIFFERENTIAL COMPARATOR WITH STROBES
REVISED OCTOBER 1991
LM306D.A TI2-LM306D.A Datasheet
479Kb / 15P
DIFFERENTIAL COMPARATOR WITH STROBES
REVISED OCTOBER 1991
More results

Similar Description - LM306D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
TMS320F28069 TI1-TMS320F28069_16 Datasheet
2Mb / 177P
Fast Interrupt Response and Processing
logo
Everlight Electronics C...
EAPDLP04SCAA2 EVERLIGHT-EAPDLP04SCAA2 Datasheet
317Kb / 6P
Fast response times
logo
MKS Instruments.
AA02A MKS-AA02A Datasheet
270Kb / 4P
All-digital architecture and improved thermal management provides better long-term stability, improved accuracy and increased reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com