Electronic Components Datasheet Search
  English  ▼

X  

OPA4313 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4313
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4313 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4313 Datasheet HTML 2Page - Texas Instruments OPA4313 Datasheet HTML 3Page - Texas Instruments OPA4313 Datasheet HTML 4Page - Texas Instruments OPA4313 Datasheet HTML 5Page - Texas Instruments OPA4313 Datasheet HTML 6Page - Texas Instruments OPA4313 Datasheet HTML 7Page - Texas Instruments OPA4313 Datasheet HTML 8Page - Texas Instruments OPA4313 Datasheet HTML 9Page - Texas Instruments OPA4313 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
OPA313
OPA2313
OPA4313
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: +1.8 V
(1) (continued)
At TA = +25 °C, RL = 10 kΩ connected to VS / 2, VCM = VS+ – 1.3 V, and VOUT = VS / 2, unless otherwise noted.
OPA313, OPA2313, OPA4313
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
CL = 10 pF
0.9
MHz
SR
Slew rate
G = +1
0.45
V/
μs
To 0.1%, VS = 5.0 V, 2-V step , G = +1
5
μs
tS
Settling time
To 0.01%, VS = 5.0 V, 2-V step , G = +1
6
μs
Overload recovery time
VS = 5.0 V, VIN × Gain > VS
3
μs
Total harmonic distortion +
THD+N
VS = 5.0 V, VO = 1 VRMS, G = +1, f = 1 kHz
0.0045%
noise(3)
OUTPUT
RL = 100 kΩ
(4)
5
15
mV
TA = –40°C to +125°C, RL = 100 kΩ
(4)
30
mV
Voltage output swing from supply
VO
rails
RL = 2 kΩ
(4)
25
50
mV
TA = –40°C to +125°C, RL = 2 kΩ
125
mV
ISC
Short-circuit current
±6
mA
RO
Open-loop output impedance
2300
Ω
POWER SUPPLY
VS
Specified voltage range
1.8 (±0.9)
5.5 (±2.75)
V
IQ
Quiescent current per amplifier
IO = 0 mA
50
60
µA
Power-on time
VS = 0 V to 5 V, to 90% IQ level
10
µs
TEMPERATURE
Specified range
–40
+125
°C
Operating range
–40
+150
°C
Storage range
–65
+150
°C
(3)
Third-order filter; bandwidth = 80 kHz at –3 dB.
(4)
Specified by design and characterization; not production tested.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com