Electronic Components Datasheet Search
  English  ▼

X  

OPA4313 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4313
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4313 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA4313 Datasheet HTML 12Page - Texas Instruments OPA4313 Datasheet HTML 13Page - Texas Instruments OPA4313 Datasheet HTML 14Page - Texas Instruments OPA4313 Datasheet HTML 15Page - Texas Instruments OPA4313 Datasheet HTML 16Page - Texas Instruments OPA4313 Datasheet HTML 17Page - Texas Instruments OPA4313 Datasheet HTML 18Page - Texas Instruments OPA4313 Datasheet HTML 19Page - Texas Instruments OPA4313 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Reference
Current
V+
V
IN-
V
IN+
V
(Ground)
-
V
BIAS2
V
BIAS1
Class AB
Control
Circuitry
V
O
OPA313
OPA2313
OPA4313
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
The OPA313 is a family of low-power, rail-to-rail input and output operational amplifiers specifically designed for
portable applications. These devices operate from 1.8 V to 5.5 V, are unity-gain stable, and suitable for a wide
range of general-purpose applications. The class AB output stage is capable of driving
≤ 10-kΩ loads connected
to any point between V+ and ground. The input common-mode voltage range includes both rails, and allows the
OPA313 family to be used in virtually any single-supply application. Rail-to-rail input and output swing
significantly increases dynamic range, especially in low-supply applications, and makes them ideal for driving
sampling analog-to-digital converters (ADCs).
The OPA313 features 1-MHz bandwidth and 0.5-V/
μs slew rate with only 50-μA supply current per channel,
providing good ac performance at very low power consumption. DC applications are also well served with a low
input noise voltage of 25 nV/
√Hz at 1 kHz, low input bias current (0.2 pA), and an input offset voltage of 0.5 mV
(typical). The typical offset voltage drift is 2
μV/°C; over the full temperature range the input offset voltage
changes only 200
μV (0.5 mV to 0.7 mV).
OPERATING VOLTAGE
The OPA313 series op amps are fully specified and ensured for operation from +1.8 V to +5.5 V. In addition,
many specifications apply from –40°C to +125°C. Parameters that vary significantly with operating voltages or
temperature are shown in the Typical Characteristics graphs. Power-supply pins should be bypassed with 0.01-
μF ceramic capacitors.
RAIL-TO-RAIL INPUT
The input common-mode voltage range of the OPA313 series extends 200 mV beyond the supply rails. This
performance is achieved with a complementary input stage: an N-channel input differential pair in parallel with a
P-channel differential pair, as shown in Figure 34. The N-channel pair is active for input voltages close to the
positive rail, typically (V+) – 1.3 V to 200 mV above the positive supply, while the P-channel pair is on for inputs
from 200 mV below the negative supply to approximately (V+) – 1.3 V. There is a small transition region, typically
(V+) – 1.4 V to (V+) – 1.2 V, in which both pairs are on. This 200-mV transition region can vary up to 300 mV
with process variation. Thus, the transition region (both stages on) can range from (V+) – 1.7 V to (V+) – 1.5 V
on the low end, up to (V+) – 1.1 V to (V+) – 0.9 V on the high end. Within this transition region, PSRR, CMRR,
offset voltage, offset drift, and THD may be degraded compared to device operation outside this region.
Figure 34. Simplified Schematic
16
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com