Electronic Components Datasheet Search
  English  ▼

X  

ADS62P22 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P22
Description  DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS62P22 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS62P22 Datasheet HTML 17Page - Texas Instruments ADS62P22 Datasheet HTML 18Page - Texas Instruments ADS62P22 Datasheet HTML 19Page - Texas Instruments ADS62P22 Datasheet HTML 20Page - Texas Instruments ADS62P22 Datasheet HTML 21Page - Texas Instruments ADS62P22 Datasheet HTML 22Page - Texas Instruments ADS62P22 Datasheet HTML 23Page - Texas Instruments ADS62P22 Datasheet HTML 24Page - Texas Instruments ADS62P22 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
ADS62P24, ADS62P25
ADS62P22, ADS62P23
www.ti.com
SLAS576C
– OCTOBER 2007 – REVISED OCTOBER 2011
D2
–D0
<TEST PATTERNS> Test Patterns to verify capture
000
Normal ADC operation
001
Outputs all zeros
010
Outputs all ones
011
Outputs toggle pattern
100
Outputs digital ramp
101
Outputs custom pattern
110
Unused
111
Unused
D3
Bit-wise/Byte-wise selection (DDR LVDS mode ONLY)
0
Bit wise
– Odd bits (D1, D3, D5, D7, D9) on CLKOUT rising edge and even bits (D0, D2, D4, D6, D8, D10) on CLKOUT
falling edge
1
Byte wise
– Lower 7 bits (D0-D6) at CLKOUT rising edge and upper 4 bits (D7-D10) at CLKOUT falling edge
D4
<DATA FORMAT> Data format selection
0
2s complement
1
Straight binary
Copyright
© 2007–2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com