Electronic Components Datasheet Search
  English  ▼

X  

ADS54RF63IPFP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54RF63IPFP
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54RF63IPFP Datasheet(HTML) 3 Page - Texas Instruments

  ADS54RF63IPFP Datasheet HTML 1Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 2Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 3Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 4Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 5Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 6Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 7Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 8Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
THERMAL CHARACTERISTICS
(1)
RECOMMENDED OPERATING CONDITIONS
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
PARAMETER
TEST CONDITIONS
TYP
UNIT
Soldered thermal pad, no airflow
23.7
RθJA
(2)
Soldered thermal pad, 150-LFM airflow
17.8
°C/W
Soldered thermal pad, 250-LFM airflow
16.4
RθJP
(3)
Bottom of package (thermal pad)
2.99
°C/W
(1)
Using 36 thermal vias (6 × 6 array). See PowerPAD Package in the Application Information section.
(2)
RθJA is the thermal resistance from the junction to ambient.
(3)
RθJP is the thermal resistance from the junction to the thermal pad.
ADS54RF63
ADS5463
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
TA
Open free-air temperature
–40
85
–40
85
°C
SUPPLIES
AVDD5
Analog supply voltage
4.75
5
5.25
4.75
5
5.25
V
AVDD3
Analog supply voltage
3.0
3.3
3.6
3.0
3.3
3.6
V
DVDD3 Output driver supply voltage
3.0
3.3
3.6
3.0
3.3
3.6
V
ANALOG INPUT
Differential input range
2.2
2.2
Vpp
VCM
Input common mode
2.4
2.4
V
DIGITAL OUTPUT (DRY, DATA, OVR)
Maximum differential output load
10
10
pF
CLOCK INPUT (CLK)
CLK input sample rate (sine wave)
40
550
20
500
MSPS
Clock amplitude, differential sine wave, see
0.5
3.5
0.5
3.5
Vpp
Figure 59
Clock duty cycle, see Figure 64
40%
50%
60%
40%
50%
60%
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com