Electronic Components Datasheet Search
  English  ▼

X  

ADS54RF63IPFP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54RF63IPFP
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54RF63IPFP Datasheet(HTML) 1 Page - Texas Instruments

  ADS54RF63IPFP Datasheet HTML 1Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 2Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 3Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 4Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 5Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 6Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 7Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 8Page - Texas Instruments ADS54RF63IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
ADS5463
1
FEATURES
APPLICATIONS
DESCRIPTION
Reference
Timing
CLK
OVR
D[11:0]
CLK
4
DRY
VREF
VIN
VIN
TH1
5
5
S
DAC2
ADC2
ADC3
S
DAC1
ADC1
DigitalErrorCorrection
+
–
+
–
B0061-03
DRY
OVR
A1
TH2
A2
A3
TH3
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
• Industrial Temperature Range: –40°C to 85°C
23
• 12-Bit Resolution
• Pin-Similar/Compatible to 12-, 13-, and 14-Bit
Family: ADS5440/ADS5444/ADS5474
• On-Chip Analog Buffer
• ADS5463: 500 MSPS
• ADS5463 SFDR: 77dBc at 300 MHz f
IN
• Test and Measurement Instrumentation
• ADS54RF63: 550 MSPS
• Software-Defined Radio
• ADS54RF63 SFDR: 70dBc at 900 MHz f
IN
• Data Acquisition
• 2.3-GHz Input Bandwidth
• Power Amplifier Linearization
• LVDS-Compatible Outputs
• Communication Instrumentation
• Very Low Latency: 3.5 Clock Cycles
• Radar
• High Analog Input Swing without Damage,
> 10 Vpp Differential-AC Signal
• Total Power Dissipation: 2.2 W
• 80-Pin TQFP PowerPAD™ Package
(14-mm × 14-mm footprint)
The ADS5463/ADS54RF63 is a 12-bit, 500-/550-MSPS analog-to-digital converter (ADC) that operates from both
a 5-V supply and 3.3-V supply, while providing LVDS-compatible digital outputs. This ADC is one of a family of
12-, 13-, and 14-bit ADCs that operate from 210 MSPS to 550 MSPS. The ADS5463/ADS54RF63 input buffer
isolates the internal switching of the onboard track and hold (T&H) from disturbing the signal source while
providing a high-impedance input.
The ADS54RF63 provides superior SFDR compared to the ADS5463 when the analog input frequency exceeds
~350 MHz or if operation up to 550 MSPS is required.
The ADS5463/ADS54RF63 is available in a TQFP-80 PowerPAD™ package. The ADS5463/ADS54RF63 is built
on the Texas Instrument complementary bipolar process (BiCom3) and specified over the full industrial
temperature range (–40°C to 85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS54RF63IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54RF63IPFP TI-ADS54RF63IPFP Datasheet
1Mb / 48P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS54RF63IPFP TI2-ADS54RF63IPFP Datasheet
1Mb / 50P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
REVISED JULY 2009
ADS54RF63IPFPG4 TI2-ADS54RF63IPFPG4 Datasheet
1Mb / 50P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
REVISED JULY 2009
ADS54RF63IPFPR TI-ADS54RF63IPFPR Datasheet
1Mb / 48P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS54RF63IPFPR TI2-ADS54RF63IPFPR Datasheet
1Mb / 50P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
REVISED JULY 2009
More results

Similar Description - ADS54RF63IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com