Electronic Components Datasheet Search
  English  ▼

X  

KH103 Datasheet(PDF) 4 Page - Exar Corporation

Part # KH103
Description  Fast Settling, High Current Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

KH103 Datasheet(HTML) 4 Page - Exar Corporation

  KH103 Datasheet HTML 1Page - Exar Corporation KH103 Datasheet HTML 2Page - Exar Corporation KH103 Datasheet HTML 3Page - Exar Corporation KH103 Datasheet HTML 4Page - Exar Corporation KH103 Datasheet HTML 5Page - Exar Corporation KH103 Datasheet HTML 6Page - Exar Corporation KH103 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DATA SHEET
KH103
4
REV. 1A January 2004
KH103 Operation
The KH103 is based on a unique design which uses
current feedback instead of the usual voltage feedback.
This design provides dynamic performance far beyond
that previously available, yet it is used basically the same
as the familiar voltage-feedback op amp (see the gain
equations above).
Layout Considerations
To obtain optimum performance from any circuit
operating at high frequencies, good PC layout is
essential. Fortunately, the stable, well-behaved response
of the KH103 makes operation at high frequencies less
sensitive to layout than is the case with other wideband
op amps, even though the KH103 has a much wider
bandwidth.
In general, a good layout is one which minimizes the
unwanted coupling of a signal between nodes in a circuit.
A continuous ground plane from the signal input to output
on the circuit side of the board is helpful. Traces should
be kept short to minimize inductance. If long traces are
needed, use microstrip transmission lines which are
terminated in their characteristic impedance. At some
high-impedance nodes, or in sensitive areas such as
near pin 5 of the KH103, stray capacitance should be
kept small by keeping nodes small and removing ground
plans directly around the node.
The ±VCC connections to the KH103 are internally
bypassed to ground with 0.1
µF capacitors to provide
good high-frequency decoupling. It is recommended that
1
µF or larger tantalum capacitors be provided for low-
frequency decoupling. The 0.01
µF capacitors shown at
pins 18 and 20 in figures 1 and 2 should be kept within
0.1” of those pins. A wide strip of ground plane should be
provided for a signal return path between the load-resis-
tors ground and these capacitors.
Figure 1: Recommended Non-Inverting Gain Circuit
Figure 2: Recommended Inverting Gain Circuit
Since the layout of the PC board forms such an important
part of the circuit, much time can be saved if prototype
amplifier boards are tested early in the design stage.
Settling Time, Offset, and Drift
After an output transition has occurred. the output settles
very rapidly to the final value and no change occurs for
several microseconds. Thereafter, thermal gradients
inside the KH103 will cause the output to begin to drift.
When this cannot be tolerated, or when the initial offset
voltage and drift is unacceptable, use of a composite
amplifier is advised.
A composite amplifier can also be referred to as a feed-
forward amplifier. Most feed-forward techniques such as
those used In the vast majority of wideband op amps
involve the use of a wideband AC-coupled channel in
parallel with a low-bandwidth, high-gain DC-coupled
amplifier. For the composite amplifier suggested for use
with the KH103, the KH103 replaces the wideband AC-
coupled amplifier and a low-cost monolithic op amp is
used to supply high open-loop gain at low frequencies.
Since the KH103 is strictly DC coupled throughout,
crossover distortion of less than 0.01dB and 1° results.
For composite operation in the non-inverting mode, the
circuit in Figure 1 should be modified by the addition of
the circuit shown in Figure 3. For Inverting operation,
modify the circuit in Figure 2 by the addition of the circuit
in Figure 4.
Keep all resistors which connect to the
KH103 within 0.2” of the KH103 pins. The other side of
these resistors should likewise be as close to U1 as
possible. For good overall results, U1 should be similar
to the LF356; this gives 5mV/°C input offset drift and the
crossover frequency occurs at about 2MHz. Since U1
has a feedback network composed of Ra + Rb and a
15k
Ω resistor, which is in parallel with R
g and the internal
1.5k
Ω feedback resistor of the KH103, R
b must be
adjusted to match the feedback ratios of the two net-
works. This in done by driving the composite amplifier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com