Electronic Components Datasheet Search
  English  ▼

X  

KH103 Datasheet(PDF) 1 Page - Exar Corporation

Part # KH103
Description  Fast Settling, High Current Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

KH103 Datasheet(HTML) 1 Page - Exar Corporation

  KH103 Datasheet HTML 1Page - Exar Corporation KH103 Datasheet HTML 2Page - Exar Corporation KH103 Datasheet HTML 3Page - Exar Corporation KH103 Datasheet HTML 4Page - Exar Corporation KH103 Datasheet HTML 5Page - Exar Corporation KH103 Datasheet HTML 6Page - Exar Corporation KH103 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
s 80MHz full-power bandwidth (20V
pp, 100Ω)
s 200mA output current
s 0.4% settling in 10ns
s 6000V/µs slew rate
s 4ns rise and fall times (20V)
s Direct replacement for CLC103
Applications
s Coaxial line driving
s DAC current to voltage amplifier
s Flash A to D driving
s Baseband and video communications
s Radar and IF processors
General Description
The KH103 is a high-power, wideband op amp designed
for the most demanding high-speed applications. The
wide bandwidth, fast settling, linear phase, and very
low harmonic distortion provide the designer with
the signal fidelity needed in applications such as driving
flash A to Ds. The 80MHz full-power bandwidth and
200mA output current of the KH103 eliminate the
need for power buffers in most applications; the
KH103 is an excellent choice for driving large high-
speed signals into coaxial lines.
In the design of the KH103 special care was taken in
order to guarantee that the output settle quickly to
within 0.4% of the final value for use with ultra fast
flash A to D converters. This is one of the most
demanding of all op amp requirements since settling
time is affected by the op amps bandwidth, passband
gain flatness, and harmonic distortion. This high
degree of performance ensures excellent performance
in many other demanding applications as well.
The dynamic performance of the KH103 is based on a
current feedback topology that provides performance
far beyond that available from conventional op amp
designs. Unlike conventional op amps where optimum
gain-bandwidth product occurs at a high gain, minimum
settling time at a gain of -1, and maximum slew rate
at a gain of +1, the KH103 provides consistent
predictable performance across its entire gain range.
For example, the table below shows how the -3dB
bandwidth remain nearly constant over a wide range
of gains. And since the amplifier is inherently stable,
no external compensation is required. The result is
shorter design time and the ability to accommodate
design changes (in gain, for example) without loss of
performance or redesign of compensation circuits.
The KH103 is constructed using thin film resistor/
bipolar transistor technology, and is available in the
following versions:
KH103AI
-25°C to +85°C
24-pin Ceramic DIP
KH103AK
-55°C to +125°C 24-pin Ceramic DIP,
features burn-in and
hermetic testing
KH103AM
-55°C to +125°C 24-pin Ceramic DIP,
environmentally screened
and electronically tested
to MIL-STD-883
KH103
Fast Settling, High Current Wideband Op Amp
REV. 1A January 2004
Small Signal Pulse Response
Typical Performance


Similar Part No. - KH103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
Fast Settling, High Current Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH103 CADEKA-KH103 Datasheet
334Kb / 6P
Fast Settling, High Current Wideband Op Amp
More results

Similar Description - KH103

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC103 NSC-CLC103 Datasheet
404Kb / 6P
Fast Settling, High Current Wideband Op Amp
logo
Analog Devices
AD842 AD-AD842 Datasheet
475Kb / 10P
Wideband, High Output Current, Fast Settling Op Amp
REV.E
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
Fast Settling, High Current Wideband Op Amp
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840 Datasheet
419Kb / 8P
Wideband, Fast Settling Op Amp
REV.C
logo
Cadeka Microcircuits LL...
KH103 CADEKA-KH103 Datasheet
334Kb / 6P
Fast Settling, High Current Wideband Op Amp
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
Wideband, Fast Settling Op Amp
REV. C
AD842 AD-AD842_15 Datasheet
360Kb / 16P
Wideband, High Output Current Fast Settling Op Amp
Rev. F
AD842 AD-AD842_17 Datasheet
400Kb / 17P
Wideband, High Output Current Fast Settling Op Amp
2/14-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com