Electronic Components Datasheet Search
  English  ▼

X  

BCD100 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # BCD100
Description  Fully qualified with Bluetooth v2.0 EDR specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BCD100 Datasheet(HTML) 1 Page - DB Lectro Inc

  BCD100 Datasheet HTML 1Page - DB Lectro Inc BCD100 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bluetooth Module,
BCD100
· Bluetooth Class 1
· Fully qualified with Bluetooth v2.0 + EDR specification
· Transmit Power: +18dBm Typical
· Receive sensitivity: -90dBm (0.1% BER)
· Size: 27.1 x 14.8 x 2.4mm with shield can
· Extended operating temperature range: -20˚C ~ +80˚C
· Integrated 8Mbit Flash Memory
· USB, Dual UART, I2C, PCM, PIO interfaces
· 802.11 co-existence
· Field-proven SPP (Serial Port Profile) firmware
supporting up to 4 simultaneous multiple connections
· RoHS Compliant
www.sena.com
The Parani-BCD100 is a Bluetooth Class 1 OEM
module for OEM manufacturers who want to implement Bluetooth
Class 1 functionality with their products cost effectively and
also in timely manner. Users can build their own antenna circuit
around the BCD100 to lower the overall cost while benefit from
the BCD100’s field-proven standard SPP (Serial Port Profile)
firmware provided with no additional cost.
The BCD100 supports Class 1 Bluetooth transmission level for
longer communication distance. The BCD100 supports UART,
USB, I2C, PCM, PIO interfaces for the communication with the
OEM products.
The BCD100 is provided with Bluetooth v2.0 compatible
firmware runs internally for SPP (Serial Port Profile) applications
by default. The SPP firmware supports up to 4 simultaneous
multiple connections and is designed to work out-of-box for real
world SPP applications such as POS (Point-of-sales), industrial
automation, remote metering and other various applications.
Optionally, the BCD100 can be supplied with only software stack
up to HCI level so entire Bluetooth stack runs on the host side
for the application such as USB dongles for computers, or OEM
manufacturers can even develop and embed their own firmware
into the BCD100.
The BCD100 is fully qualified with Bluetooth v.2.0+EDR
specification so OEM manufacturers can save cost and time for
overall OEM product certifications, which makes the BCD100
ideal solution for larger volume and cost sensitive applications.
Features
Parani-BCD100
USB
UART
SPI
PIO
PCM
VCC 3.3V
RF_IN/OUT
LNA
IO
Baseband
DSP
2.4GHz
Radio
Voltage
Regulator
1.8V core
MCU
RAM
RF Amplifier
Circuit
Crystal
26Mhz
Flash Memory
8Mb
BlueCore4 External
PA
Device Diagram
Bluetooth
Transmit Power
Receive Sensitivity
TX Output Spectrum-
Frequency range
UART
USB
Interface
Power
Operating
Temperature
Physical
Properties
Approval
Fully qualified with Bluetooth v2.0
+EDR specification
EDR (Enhanced Data Rate)
compliant with v2.0 of specification
for both 2Mbps and 3Mbps
+18dBm Typical (Class1)
-90dBm (0.1% BER)
2401 MHz ~ 2480 MHz
Up to 921 kbps
V1.2
UART, USB, I2C, PCM, PIO
2.7V~3.6V
-20˚C ~ +80˚C
27.1 mm x 14.8 mm x 2.4 mm
( 1.06 in x 0.58 in x 0.09 in )
Bluetooth SIG (QDID: B015728)
Specifications


Similar Part No. - BCD100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCD100-232B ETC-BCD100-232B Datasheet
1Mb / 22P
Module
More results

Similar Description - BCD100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC41B143A-DS-001PE ETC1-BC41B143A-DS-001PE Datasheet
1Mb / 102P
BlueCpre 4-ROM Single Chip Bluetooth v2.0 System with EDR
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
Bluetooth V2.0 EDR Class 1 Module
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
Bluetooth V2.0 EDR Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CS320 DELTA-DFBM-CS320 Datasheet
72Kb / 10P
Wireless communication module compliant with Bluetooth TM Specification V2.0EDR
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
BLUETOOTH V2.0 EDR CLASS 2 MODULE
DFBM-CF320 ETC2-DFBM-CF320 Datasheet
142Kb / 11P
A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
WT41-A ETC2-WT41-A Datasheet
1Mb / 49P
Fully Qualified Bluetooth v2.1 EDR end product
logo
DB Lectro Inc
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
Bluetooth v2.0EDR specification
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
Bluetooth v2.0 EDR specification
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
Bluetooth Specification v2.0 EDR Class 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com