Electronic Components Datasheet Search
  English  ▼

X  

BCD100 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # BCD100
Description  Fully qualified with Bluetooth v2.0 EDR specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BCD100 Datasheet(HTML) 2 Page - DB Lectro Inc

  BCD100 Datasheet HTML 1Page - DB Lectro Inc BCD100 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bluetooth Module,
BCD100
www.sena.com
For more information,
please visit us at http://www.sena.com
U.S. / Canada / South America
Tel: 408-448-1997 Fax: 408-907-3738
Sales and Support Toll Free (US/Canada): 8669-US-SENA (866-987-7362)
General Information Toll Free (US/Canada): 8668-US-SENA (866-887-7362)
EU / Africa
Tel: +33 (0)1 53 53 16 29 Fax: +33 (0)1 70 24 70 90
Asia / Pacific
Tel: +82-2-576-7362 Fax: +82-2-573-7710
Contact us via E-mail
General Information: info@sena.com
Sales & Distribution: sales@sena.com
Technical Support: support@sena.com
Software Stack
BCD100 is provided with Bluetooth v2.0 compatible firmware
runs internally for SPP (Serial Port Profile) applications by default.
The firmware is designed to work out-of-box for real world SPP
applications such as POS (Point-of-sales), industrial automation,
remote metering and other various applications.
Optionally, the BCD100 can be supplied with only software
stack up to HCI level so users can develop and embed their
own firmware version into the BCD100 or entire Bluetooth stack
runs on the host side for the application such as USB dongle for
computers. Regarding these custom firmware options, please
contact a Sena representative for more detail.
Ordering Information
Pin Description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
27
36
35
34
33
32
31
30
29
28
26
25
24
23
22
21
20
19
Function
USB Interface
UART Interface
PCM Interface
SPI Interface
PIO Interface
Power
Others
Pin Name
USB_DP
USB_DN
UART_TXD
UART_RXD
UART_RTS
UART_CTS
PCM_OUT
PCM_IN
PCM_SYNC
PCM_CLK
SPI_MISO
SPI_MOSI
SPI_CSB
SPI_CLK
PIO_2
PIO_3
PIO_4
PIO_5
PIO_6
PIO_7
PIO_8
PIO_9
PIO_10
PIO_11
AIO_0
AIO_1
PVCC
+3V3
GND
GND
GND
GND
GND
GND
RF_I/O
RESETB
Pin Number
11
10
8
7
6
9
15
12
13
14
20
23
22
21
29
28
24
25
26
27
30
31
32
33
4
5
3
16
1
2
17
19
34
35
36
18
Description
USB data plus
USB data minus
UART data output
UART data input
UART request to send active low
UART clear to send active low
Synchronous data output
Synchronous data input
Synchronous data sync
Synchronous data clock
SPI data output
SPI data input
Chip select for SPI, active low
SPI clock
Programmable input/output line
Programmable input/output line
Programmable input/output line
Programmable input/output line
Programmable input/output line
Programmable input/output line
Programmable input/output line
Programmable input/output line
Programmable input/output line
Programmable input/output line
Analogue programmable input/output line
Analogue programmable input/output line
Power supply for power amplifier, 3.3V
Power supply for system, 3.3V
Ground
Ground
Ground
Ground
Ground
Ground
Transmitter output/receiver input
Reset, active low, > 5ms to cause a reset
· High-speed data transceiver systems for long distance
communication
· PCs/Personal Digital Assistants (PDA)
· Bluetooth USB dongle
· Bluetooth serial dongle
· Bluetooth access points
· Industrial automation devices
· Remote metering devices
· POS (Point-of-sales) devices
Applications
Part Number
BCD100-01
BCD100-02
Description
Bluetooth v2.0+EDR class 1 OEM module,
Reel type package, Minimum order quantity
100
Parani-BCD100 OEM Bluetooth Module,
Bluetooth v2.0+EDR, Class 1 (HCI)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com