Electronic Components Datasheet Search
  English  ▼

X  

BCD210 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # BCD210
Description  Bluetooth v2.0 EDR specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BCD210 Datasheet(HTML) 1 Page - DB Lectro Inc

  BCD210 Datasheet HTML 1Page - DB Lectro Inc BCD210 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bluetooth Module
BCD210
www.sena.com
The Parani-BCD210 is a low power embedded
Bluetooth Class 2 OEM SMD/DIP module combining antenna
for OEM manufactures who want to implement Bluetooth Class 2
functionality with their products cost effectively and also in timely
manner.
The BCD210 supports Class 2 Bluetooth transmission level for
shorter communication distance up to 300m at line-up sight. The
BCD210 supports UART, USB, I2C, PCM, PIO interfaces for the
communication with the OEM products
The BCD210 is provided with Bluetooth v2.0+EDR compatible
firmware runs internally for SPP (Serial Port Profile) applications
by default. The SPP firmware supports up to 4 simultaneous
multiple connections and is designed to work out-of-box for real
world SPP applications such as POS (Point-of-sales), industrial
automation, remote metering and other various applications.
Optionally, the BCD210 can be supplied with only software stack
up to HCI level so entire Bluetooth stack runs on the host side
for the application such as USB dongles for computers or OEM
manufacturers can even develop and embed their own firmware
into the BCD210.
The BCD210 is fully qualified with Bluetooth v2.0+EDR
specification so OEM manufacturers can save cost and time for
overall OEM product certifications, which makes the BCD210
ideal solution for larger volume and cost sensitive applications.
· Bluetooth Class 2
· Bluetooth v2.0 + EDR specification
· Low Power consumption: 30mA @3.3VDC
· Transmit Power: +4dBm Typical
· Receive sensitivity: -84dBm (0.1% BER)
· Integrated 8Mbit Flash Memory
· Supports Serial Port Profile (SPP)
· Working distance (In an open field): Nom.50m, up to 300m
· Supports chip, stub and dipole antennas
· 802.11 co-existence
· Standard HCI over UART or USB
· Field-proven SPP (Serial Port Profile) firmware supporting
up to 4 simultaneous multiple connections
· Firmware upgrade via windows-based software
(ParaniUpdater)
· Easy to use Windows configuration tool available.
· ROHS compliant
Features
Device Diagram
Specifications
Bluetooth
Specifications
Transmit Power
Receive Sensitivity
TX Output Spectrum-
Frequency range
Interfaces
Serial Interface
PIN Interface
USB Interface
Configuration
Firmware Update
Power Consumption
Environmental
Physical properties
Approvals
Warranty
Bluetooth v2.0 + EDR
Class2
Profile: SPP(Serial Port Profile)
Working distance:
By default antenna is 50m (0.031 mile)
supports up to 300m (0.186 mile) at line-of sight
+4dBm Typical
-84dBm (0.1% BER)
2402 MHz – 2480 MHz
UART, USB, I2C, PCM, PIO
- Serial UART speed up to 921.6kbps
- CTS/RTS flow control, DTR/DSR for loop-back &
full transfer
BCD210Sx: 1.27mm SMD Pad 18x2 (36pin)
BCD210Dx: 1.27mm Pin Header 18x2 (36pin)
V2.0
ParaniWIN, ParaniWizard, Modem AT command set
ParaniUpdater
- Nominal: 30mA @3.3VDC
- Maximum: 60mA @3.3VDC
(100mA @3.3VDC in Test Mode)
- Operating temperature: -40°C ~ 85°C
- Storage temperature: -40°C ~ 85°C
- Humidity: 90% (Non-condensing)
Parani-BCD210 Dimension
- DIP type:
16.8 (W) x 28 (L) x 8.0 (H) mm (0.661in x 1.102in x 0.315 in)
- SMD type:
14.8 (W) x 28 (L) x 3.0 (H) mm (0.583in x 1.102in x 0.118 in)
Weights
- Parani-BCD210SC: 2g
- Parani-BCD210SU: 2g
- Parani-BCD210DC: 3g
- Parani-BCD210DU: 3g
- Parani-BCD210DS: 5g
FCC, CE, IC, KC, TELEC, SIG
1-year limited warranty
Parani-BCD210
USB
UART
SPI
PIO
PCM
VCC 3.3V
RF_IN/OUT
2402~2480MHz
IO
Baseband
DSP
2.4GHz
Radio
MCU
Voltage
Regulator
1.8V core
RAM
Balanced
Filter
Interface Pad
or connector
Crystal
26Mhz
Flash Memory
8Mb
BlueCore4 External
5dBi dipole
3dBi dipole
1dBi stub
0dBi chip
2.4GHz
Antenna


Similar Part No. - BCD210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCD210DC ETC-BCD210DC Datasheet
1Mb / 25P
Bluetooth-serial Module
BCD210DS ETC-BCD210DS Datasheet
1Mb / 25P
Bluetooth-serial Module
BCD210DU ETC-BCD210DU Datasheet
1Mb / 25P
Bluetooth-serial Module
BCD210SC ETC-BCD210SC Datasheet
1Mb / 25P
Bluetooth-serial Module
BCD210SU ETC-BCD210SU Datasheet
1Mb / 25P
Bluetooth-serial Module
More results

Similar Description - BCD210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC41B143A-DS-001PE ETC1-BC41B143A-DS-001PE Datasheet
1Mb / 102P
BlueCpre 4-ROM Single Chip Bluetooth v2.0 System with EDR
BC41B143A-DS-002PD ETC1-BC41B143A-DS-002PD Datasheet
800Kb / 89P
BlueCore 4-ROM CSP EDR Single Chip Bluetooth v2.0 EDR System
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
Bluetooth V2.0 EDR Class 1 Module
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
Bluetooth V2.0 EDR Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CS320 DELTA-DFBM-CS320 Datasheet
72Kb / 10P
Wireless communication module compliant with Bluetooth TM Specification V2.0EDR
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
BLUETOOTH V2.0 EDR CLASS 2 MODULE
DFBM-CF320 ETC2-DFBM-CF320 Datasheet
142Kb / 11P
A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
logo
DB Lectro Inc
BCD100 DBLECTRO-BCD100 Datasheet
310Kb / 2P
Fully qualified with Bluetooth v2.0 EDR specification
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
Bluetooth v2.0EDR specification
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
Bluetooth Specification v2.0 EDR Class 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com