Electronic Components Datasheet Search
  English  ▼

X  

BCD210 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # BCD210
Description  Bluetooth v2.0 EDR specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BCD210 Datasheet(HTML) 2 Page - DB Lectro Inc

  BCD210 Datasheet HTML 1Page - DB Lectro Inc BCD210 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bluetooth Module
BCD210
www.sena.com
For more information,
please visit us at http://www.sena.com
U.S. / Canada / South America
Tel: 408-448-1997 Fax: 408-907-3738
Sales and Support Toll Free (US/Canada): 8669-US-SENA (866-987-7362)
EU / Africa
Tel: +33 (0)1 53 53 16 29 Fax: +33 (0)1 70 24 70 90
Asia / Pacific
Tel: +82-2-576-7362 Fax: +82-2-573-7710
Contact us via E-mail
General Information: info@sena.com
Sales & Distribution: sales@sena.com
Technical Support: support@sena.com
Pin Description
- High-speed data transceiver systems for short distance
communication
- PCs/Personal Digital Assistants (PDA)
- Bluetooth USB dongle
- Bluetooth serial dongle
- Bluetooth access points
- Industrial automation devices
- Automotive applications
- Medical Systems
- Remote metering devices
- POS (Point-of-sales) devices
Applications
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
GND
GND
NC
AIO_0
AIO_1
UART_RTS
UART_RXD
UART_TXD
UART_CTS
USB_DN
USB_DP
PCM_IN
PCM_SYNC
PCM_CLK
PCM_OUT
+3V3
GND
RESETB
GND
GND
NC
UART_RTS
UART_RXD
UART_TXD
UART_CTS
USB_DN
USB_DP
PCM_IN
PCM_SYNC
PCM_CLK
PCM_OUT
+3V3
GND
RESETB
NAME
DEFINE
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
GND
PIO_0
PIO_1
PIO_11
PIO_10
PIO_9
PIO_8
PIO_2
PIO_3
PIO_7
PIO_6
PIO_5
PIO_4
SPI_MOSI
SPI_CSB
SPI_CLK
SPI_MISO
GND
GND
STATUS_LED1
STATUS_LED0
UART_DCD
UART_DTR
F/C_CTRL
BT_MODE
FACTORY RESET
UART_DSR
SPI_MOSI
SPI_CSB
SPI_CLK
SPI_MISO
GND
NAME
DEFINE
Ordering Information
Part Number
BCD210SC-00
BCD210SU-00
BCD210DC-00
BCD210DS-00
BCD210DU-00
BCD210SK-01
BCD210SC-02
BCD210SU-02
BCD210DC-02
BCD210DS-02
BCD210DU-02
BCD210SK-03
Description
Bluetooth embedded OEM module SMD Type,
Class 2 with chip antenna
Bluetooth embedded OEM module SMD Type,
Class 2 with U.FL connector
Bluetooth embedded OEM module DIP Type,
Class 2 with chip antenna
Bluetooth embedded OEM module DIP Type,
Class 2 with RP-SMA connector
Bluetooth embedded OEM module DIP Type,
Class 2 with U.FL connector
Starter kit for Parani-BCD210
Bluetooth embedded OEM module SMD Type,
Class 2 with chip antenna
Bluetooth embedded OEM module SMD Type,
Class 2 with U.FL connector
Bluetooth embedded OEM module DIP Type,
Class 2 with chip antenna
Bluetooth embedded OEM module DIP Type,
Class 2 with RP-SMA connector
Bluetooth embedded OEM module DIP Type,
Class 2 with U.FL connector
Starter kit for Parani-BCD210
Part number
Description
SAT-G01R
DAT-G01R
DAT5-G01R
SEC-G01R
UEC-G01R
1 dBi Stub Antenna, RP-SMA Plug, Right-hand Thread
3 dBi Dipole Antenna, RP-SMA Plug, Right-hand Thread
5 dBi Dipole Antenna, RP-SMA Plug, Right-hand Thread
15cm RPSMA Antenna Extension Cable, Right-Hand
Thread
12cm U.FL to RPSMA Cable, Right-Hand Thread
Optional Accessories



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com