Electronic Components Datasheet Search
  English  ▼

X  

TR0027 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0027
Description  HIGH SPEED NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0027 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0027 Datasheet HTML 1Page - Solid States Devices, Inc TR0027 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SFT5666/39
CASE OUTLINE: TO-39
14830 Valley View Avenue * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
MIN
MAX
ELECTRICAL CHARACTERISTICS
SYMBOL
UNITS
µA
Emitter Cutoff Current
(VEB =6VDC)
-
IEBO
1
250
DC Current Gain *
(IC =0.5ADC , VCE =2VDC)
(IC =1.0ADC , VCE =5VDC)
(IC =2.0ADC , VCE =5VDC)
(IC =3.0ADC , VCE =5VDC)
(IC =5.0ADC , VCE =5VDC)
40
40
40
40
30
0.40
1.5
Collector-Emitter Saturation Voltage * 5A 5V Mins
(IC =3.0ADC , IB =300mADC)
(IC =5.0ADC , IB = 1A)
VCE(SAT)
VDC
HFE
Base-Emitter Voltage *
(IC =5.0ADC , IBC =3A, IB = .3A)
(IB = 1A)
-
1.2
1.5
VDC
VBE (SAT)
Current Gain Bandwidth Product
(IC =.5ADC , VCE =10VDC, f =10MHz)
30
-
MHz
ft
120
pf
Output Capacitance
(VCB=30VDC , IE =0ADC, f =1.0MHz)
-
Cob
(VCC =30VDC , IC =1.0ADC,
VEB(OFF)=3.7VDC,
IB1=IB2=50mADC)
Turn Off Time
*Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
t(on)
150
ns
t(off)
1500
ns
Turn On Time
*
*Collector Hot to Case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com