Electronic Components Datasheet Search
  English  ▼

X  

TR0027 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0027
Description  HIGH SPEED NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0027 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0027 Datasheet HTML 1Page - Solid States Devices, Inc TR0027 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SFT5666/39
FEATURES:
DATA SHEET #:
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
VEBO
6
Volts
Emitter-Base Voltage
VCBO
200
Volts
Collector-Base Voltage
IC
5
Collector Current
Collector-Emitter Voltage
VCEO
180
Amps
Volts
oC
W
oC/W
• High Performance replacement for 2N5666
• Radiation Tolerant
• Faster Switching, t
(
on)
< 150ns
• Higher Frequency, ft > 30MHz
• Higher gain, 40 @ 5A
• Lower Saturation Voltage, 1.5v @ 5A
• 200oC Operating, Gold Eutectic Die Attach
• PNP Compliment available - contact the factory
TO-39
5 AMP
180 VOLTS
HIGH SPEED
NPN TRANSISTOR
Operating and Storage Temperature
TJ, TSTG
-65 to +200
15
Thermal Resistance, Junction to Case
R0JC
20
Total Device Dissipation @ TC=100
oC
PD
IB
1
Base Current
Amps
ELECTRICAL CHARACTERISTICS
SYMBOL
UNITS
MIN
MAX
V
180
-
BVCEO
Collector-Emitter Breakdown Voltage
(IC =30mADC)
V
200
-
Collector-Base Breakdown Voltage
(IC =200uADC)
V
6-
BVEBO
Emitter-Base Breakdown Voltage
(IE =200uADC)
µA
-2
ICBO
Collector Cutoff Current
(VCB =180VDC)
µA
-10
ICEO
Collector Cutoff Current
(VCE =120VDC)
BVCBO
DESIGNER'S DATA SHEET
14830 Valley View Avenue * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
TR0027A


Similar Part No. - TR0027

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TR0027A TAI-SAW-TR0027A Datasheet
564Kb / 7P
Dielectric filter 3450MHz BW 300MHz SMD 7.4x4.35mm
More results

Similar Description - TR0027

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI5103 GTM-GI5103 Datasheet
414Kb / 3P
NPN HIGH SPEED SWITCHING TRANSISTOR
logo
Solid States Devices, I...
SFT2222A SSDI-SFT2222A Datasheet
176Kb / 3P
NPN High Speed Transistor
SFT4100 SSDI-SFT4100 Datasheet
150Kb / 2P
HIGH SPEED NPN TRANSISTOR
SFT5002 SSDI-SFT5002_1 Datasheet
117Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
SFT6678 SSDI-SFT6678_1 Datasheet
205Kb / 3P
NPN High Speed Power Transistor
logo
New Jersey Semi-Conduct...
2N5330 NJSEMI-2N5330 Datasheet
247Kb / 2P
HIGH SPEED NPN TRANSISTOR
logo
Solid States Devices, I...
TR0020E SSDI-TR0020E Datasheet
126Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
TR0024A SSDI-TR0024A Datasheet
38Kb / 2P
NPN HIGH SPEED TRANSISTOR
TR0041 SSDI-TR0041 Datasheet
36Kb / 2P
HIGH SPEED NPN Transistor
TR0105B SSDI-TR0105B Datasheet
150Kb / 2P
HIGH SPEED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com