Electronic Components Datasheet Search
  English  ▼

X  

TR0032F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0032F
Description  Complimentary NPN & PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0032F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0032F Datasheet HTML 1Page - Solid States Devices, Inc TR0032F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT22907GW
Series
Electrical Characteristics
4/
Symbol
NPN Bias
Limit
PNP Bias
Limit
Collector – Emitter Sustaining Voltage
BVCEO
IC = 10 mA
50V
IC = 10 mA
60V
Collector Cutoff Current
ICES
VCE = 50 V
50 nA max
VCE = 50 V
50 nA max
Collector Cutoff Current
ICBO
VCB = 60 V
VCB = 75 V
VCB = 60 V, TA = 150ºC
10 nA max
10 μA max
10 μA max
VCB = 50 V
VCB = 60 V
VCB = 50 V, TA = 150ºC
10 nA max
10 μA max
10 μA max
Emitter Cutoff Current
IEBO
VEB = 4 V
VEB = 6 V
10 nA max
10 μA max
VEB = 4 V
VEB = 5 V
50 nA max
10 μA max
DC Current Forward Transfer Ratio *
hFE
IC = 0.1 mA, VCE = 10 V
IC = 1.0 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 150 mA, VCE = 10 V
IC = 500 mA, VCE = 10 V
50 min
75 - 325
100 min
100 - 300
30 min
IC = 100 μA, VCE = 10 V
IC = 1 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 150 mA, VCE = 10 V
IC = 500 mA, VCE = 10 V
75 min
100 - 450
100 min
100 - 300
50 min
DC Current Forward Transfer Ratio *
hFE
IC = 10 mA, VCE = 10 V
TA = -55ºC
35 min
IC = 10 mA, VCE = 10 V
TA = -55ºC
50 min
Small Signal Current Gain
(f = 1 kHz)
hfe
IC = 1.0 mA, VCE = 10 V
50 - 300
––
––
Collector-Emitter Saturation Voltage *
VCE (SAT)
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.3V max
1.0V max
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.4 V max
1.6 V max
Base-Emitter Saturation Voltage *
VBE (SAT)
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.6 – 1.2V
2.0V max
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.6 - 1.3 V
2.6 V max
Frequency Transition (Small signal
current gain) @ f = 100MHz
fT
VCE = 20 V, IC = 20 mA,
f = 100 MHz
250 MHz
min
VCE = 20 V, IC = 20 mA,
f = 100 MHz
200 MHz min
Output Capacitance
Cob
VCB = 10 V, f = 1 MHz
8.0 pF max VCB = 10 V, f = 1.0 MHz
8.0 pF max
Input Capacitance
Cib
VEB = 0.5 V, f = 1 MHz
25 pF max VBE = 2.0 V, f = 1.0 MHz
30 pF max
Switching Times
t(on)
Vcc = -30 V, IC = 150 mA, IB1
= IB2 = 15 mA, VBE(off) = 3V
35 ns max
Vcc = -30 V, IC = 150 mA, IB1
= IB2 = 15 mA, VBE(off) = 3V
45 ns max
t(off)
Vcc = -30 V, IC = 150 mA, IB1 =
IB2 = 15 mA, VBE(off) = 3V
300 ns max
Vcc = -30 V, IC = 150 mA, IB1
= IB2 = 15 mA, VBE(off) = 3V
300 ns max
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact
Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics
@25ºC.
Available Part Numbers:
SFT22907GW
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
GW
Collector
SFT2222
Base
SFT2222
Emitter
SFT2222
Collector
SFT2907
Base
SFT2907
Emitter
SFT2907
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0032F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com