Electronic Components Datasheet Search
  English  ▼

X  

TR0032F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0032F
Description  Complimentary NPN & PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0032F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0032F Datasheet HTML 1Page - Solid States Devices, Inc TR0032F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT22907
GW __
│
│
│
│
│
└ Screening 2/ __ = Commercial
TX = TX Level
TXV = TXV Level
S = S Level
└
Package GW = Gullwing
SFT22907GW
Series
Dual Microminiature Package
600 mA 60 Volts
Complimentary NPN & PNP
Transistor
Features:
 High Speed Switching Transistor
 Multiple Devices Reduce Board Space
 High Power Dissipation: Up to 1.2 W / device
 TX, TXV, S-Level screening available
 Replaces both 2N2222AU & 2N2907AU
Maximum Ratings
Symbol
2N2222
NPN
2N2907
PNP
Units
Collector – Emitter Voltage
VCEO
50
60
Volts
Collector – Base Voltage
VCBO
75
60
Volts
Emitter – Base Voltage
VEBO
6
5
Volts
Continues Collector Current
IC
800
600
mAmps
Power Dissipation @ TA = 25ºC
Per device
PD
500
500
mW
Power Dissipation @ TA = 25ºC
Total
660
Operating & Storage Temperature
Top & Tstg
-65 to +200
-65 to +200
ºC
Maximum Thermal Resistance
Junction to PCB
R0J-PCB
245
245
ºC/W
Gullwing (GW)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0032F


Similar Part No. - TR0032F

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TR0032AA0090 TAI-SAW-TR0032AA0090 Datasheet
185Kb / 7P
Dielectric Filter 2845MHz size 8.4x3.8 mm (BW=60 MHz)
More results

Similar Description - TR0032F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
logo
ON Semiconductor
EMF18XV6T5 ONSEMI-EMF18XV6T5 Datasheet
62Kb / 5P
Dual Transistor ??Power Management NPN/PNP Dual (Complimentary)
October, 2005 ??Rev. 1
logo
Sanyo Semicon Device
2SA1781 SANYO-2SA1781 Datasheet
168Kb / 4P
PNP / NPN Transistor
logo
Solid States Devices, I...
SFT22907GW SSDI-SFT22907GW Datasheet
216Kb / 2P
Dual Microminiature Package 600 mA 60 Volts Complimentary NPN & PNP Transistor
logo
Pan Jit International I...
BC846APN PANJIT-BC846APN Datasheet
138Kb / 5P
DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
BC847BPN PANJIT-BC847BPN Datasheet
145Kb / 3P
DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
logo
Leshan Radio Company
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
logo
Pan Jit International I...
BC847BPN-AU PANJIT-BC847BPN-AU Datasheet
376Kb / 5P
DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
logo
Solid States Devices, I...
TR0036 SSDI-TR0036 Datasheet
163Kb / 2P
NPN/PNP Transistor
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com