Electronic Components Datasheet Search
  English  ▼

X  

TR0041 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0041
Description  HIGH SPEED NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0041 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0041 Datasheet HTML 1Page - Solid States Devices, Inc TR0041 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT502 and SFT504
Series
Electrical Characteristic
4/
Symbol
Min
Typ
Max
Units
Collector – Emitter Breakdown Voltage
IC = 50mA
BVCEO
150
––
––
Volts
Collector – Base Breakdown Voltage
IC = 200µA
BVCBO
200
––
––
Volts
Emitter – Base Breakdown Voltage
IE = 200µA
BVEBO
7
––
––
Volts
Collector – Cutoff Current
VCE = 100 V
ICEO
––
––
1
µA
Collector – Cutoff Current
VCB = 100 V
ICBO
––
––
500
nA
Emitter – Cutoff Current
VEB = 6 V
IEBO
––
––
500
nA
DC Current Gain *
SFT502
SFT504
VCE = 5V, IC = 50mA
VCE = 5V, IC = 2.5A
VCE = 5V, IC = 5A
VCE = 5V, IC = 50mA
VCE = 5V, IC = 2.5A
VCE = 5V, IC = 5A
hFE
20
30
20
50
50
40
––
––
––
––
––
––
––
––
––
––
––
––
––
Collector – Emitter Saturation Voltage *
IC = 2.5A, IB = 250mA
IC = 5.0A, IB = 500mA
VCE(Sat)
––
––
––
––
0.75
1.5
Volts
Base – Emitter Saturation Voltage *
IC = 2.5A, IB = 250mA
IC = 5.0A, IB = 500mA
VBE(Sat)
––
––
––
––
1.3
1.5
Volts
Current Gain Bandwidth Product
VCE = 5V, IC = 0.5A, f = 10MHz
fT
70
––
––
MHz
Output Capacitance
VCB = 10V, IE = 0A, f = 1MHz
cob
––
––
225
pF
Input Capacitance
VBE = 10V, IC = 0A, f = 1MHz
Cib
––
––
900
pF
Delay Time
td
––
––
50
nsec
Rise Time
tr
––
––
250
nsec
Storage Time
tS
––
––
900
nsec
Fall Time
VCC = 50V,
IC = 5A,
IB1 = IB2 = 0.5A
tf
––
––
300
nsec
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Available Part Numbers:
SFT502
SFT504
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3 (Case)
TO-5
Emitter
Base
Collector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com