Electronic Components Datasheet Search
  English  ▼

X  

TR0041 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0041
Description  HIGH SPEED NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0041 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0041 Datasheet HTML 1Page - Solid States Devices, Inc TR0041 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFT502 __ __
SFT504 __ __
¦
¦
¦
¦
¦
+ Screening
2/ __ = Not Screen
TX = TX Level
TXV = TXV Level
S
= S Level
+ Package
3/
__
= TO-5
SFT502 and SFT504
Series
5 AMP
200 Volts
HIGH SPEED
NPN Transistor
Features:
• Radiation Tolerant
• Fast Switching
• High Frequency, 50 MHz Typical
• BVCEO 150 Volts Min
• High Linear Gain
• Very Low Leakage and Saturation
• 200ºC Operating Temperature
• Gold Eutectic Die Attach
• Designed for Complementary Use with SFT501 and
SFT503
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
150
Volts
Collector – Base Voltage
VCBO
200
Volts
Emitter – Base Voltage
VEBO
7
Volts
Continues Collector Current
IC
5
Amps
Base Current
IB
1
Amps
Power Dissipation @ TC = 50ºC
Derate above 50ºC
PD
10
66.6
W
mW/ºC
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
15
ºC/W
TO-5
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
B176H
DATA SHEET #: TR0041C
DOC


Similar Part No. - TR0041

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TR0041AA0092 TAI-SAW-TR0041AA0092 Datasheet
265Kb / 7P
Dielectric filter 5795MHz BW 80MHz Size 8.7x3.22mm
More results

Similar Description - TR0041

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI5103 GTM-GI5103 Datasheet
414Kb / 3P
NPN HIGH SPEED SWITCHING TRANSISTOR
logo
Solid States Devices, I...
SFT2222A SSDI-SFT2222A Datasheet
176Kb / 3P
NPN High Speed Transistor
SFT4100 SSDI-SFT4100 Datasheet
150Kb / 2P
HIGH SPEED NPN TRANSISTOR
SFT5002 SSDI-SFT5002_1 Datasheet
117Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
SFT6678 SSDI-SFT6678_1 Datasheet
205Kb / 3P
NPN High Speed Power Transistor
logo
New Jersey Semi-Conduct...
2N5330 NJSEMI-2N5330 Datasheet
247Kb / 2P
HIGH SPEED NPN TRANSISTOR
logo
Solid States Devices, I...
TR0020E SSDI-TR0020E Datasheet
126Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
TR0024A SSDI-TR0024A Datasheet
38Kb / 2P
NPN HIGH SPEED TRANSISTOR
TR0027 SSDI-TR0027 Datasheet
44Kb / 2P
HIGH SPEED NPN TRANSISTOR
TR0105B SSDI-TR0105B Datasheet
150Kb / 2P
HIGH SPEED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com