Electronic Components Datasheet Search
  English  ▼

X  

IDB31 Datasheet(PDF) 2 Page - General Semiconductor

Part # IDB31
Description  PLANAR SILICON BIDIRECTIONAL TRIGGER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

IDB31 Datasheet(HTML) 2 Page - General Semiconductor

  IDB31 Datasheet HTML 1Page - General Semiconductor IDB31 Datasheet HTML 2Page - General Semiconductor IDB31 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
at Tj = 25 ¡C, unless otherwise specified; electrical characteristics applicable in both, forward and reverse direction
SYMBOL
MIN.
TYP.
MAX.
UNIT
Breakover Voltage
see Fig. 1
VBO
30
32
34
Volts
Breakover Voltage Symmetry
see Fig. 1
½VBO1½-½VBO2½
-
-
±2
Volts
Dynamic Breakback Voltage
(IBO to IF=10mA), see Fig. 1
½DV½
5
8
-
Volts
Output Voltage
see Fig. 2
VO
5
-
-
Volts
Breakover Current
see Fig. 1
IBO
420
50
mA
Rise time
see Fig. 3
tr
-
100
-
ns
Leakage current
VB=0,5
·VBO max.
IB
-
-
0.5
mA
see Fig. 1
10mA
IBO
-IF
+IF
IB
VBO
VBO1
VBO2
+V
-V
DV
0.5
FIG. 1 - CURRENT-VOLTAGE CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com