Electronic Components Datasheet Search
  English  ▼

X  

IDB31 Datasheet(PDF) 3 Page - General Semiconductor

Part # IDB31
Description  PLANAR SILICON BIDIRECTIONAL TRIGGER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

IDB31 Datasheet(HTML) 3 Page - General Semiconductor

  IDB31 Datasheet HTML 1Page - General Semiconductor IDB31 Datasheet HTML 2Page - General Semiconductor IDB31 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES IDB31
0.59 (15)
0.2 (5)
0.03 (0.8)
0.30 (7.5)
0.12 (3)
.04 (1)
0.06 (1.5)
0.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
0.47 (12)
FIG. 4 - Layout for Rth test
Dimensions in mm
Thickness:
Fiberglass 1.5mm
Cu leads 0.3mm
IDB31
10k
½
220V
50H
500k
½
R=20
½
0.1
mF
IP
z
VO
90%
10%
IP
Ir
200
100
0
150
50
0
100
200
Tamb (¡C)
FIG. 2 - TEST CIRCUIT
FIG. 3 - TEST CIRCUIT SEE FIG. 1
ADJUST R FOR IP=0.5A
FIG. 5 - ADMISSIBLE POWER DISSIPATION VERSUS
AMBIENT TEMPERATURE
30
26
28
0
Ta
FIG. 6 - RELATIVE VARIATION OF VBO vs. Tj
27
29
31
32
33
34
25¡C
50¡C
75¡C
100¡C
125¡C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com