Electronic Components Datasheet Search
  English  ▼

X  

ADS7812P Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS7812P
Description  Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7812P Datasheet(HTML) 2 Page - Texas Instruments

  ADS7812P Datasheet HTML 1Page - Texas Instruments ADS7812P Datasheet HTML 2Page - Texas Instruments ADS7812P Datasheet HTML 3Page - Texas Instruments ADS7812P Datasheet HTML 4Page - Texas Instruments ADS7812P Datasheet HTML 5Page - Texas Instruments ADS7812P Datasheet HTML 6Page - Texas Instruments ADS7812P Datasheet HTML 7Page - Texas Instruments ADS7812P Datasheet HTML 8Page - Texas Instruments ADS7812P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADS7812
2
SBAS042A
www.ti.com
SPECIFICATIONS
At TA = –40°C to +85°C, fS = 40kHz, VS = +5V ±5%, using internal reference, unless otherwise specified.
ADS7812P, U
ADS7812PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
✻
Bits
ANALOG INPUT
Voltage Range
See Table I
✻
Impedance
See Table I
✻
Capacitance
35
✻
pF
THROUGHPUT SPEED
Conversion Time
20
✻
µs
Complete Cycle
Acquire and Convert
25
✻
µs
Throughput Rate
40
✻
kHz
DC ACCURACY
Integral Linearity Error
0.1
±1
✻
±0.5
LSB(1)
Differential Linearity Error
0.1
±1
✻
±0.5
LSB
No Missing Codes
Specified
✻
Transition Noise(2)
0.05
✻
LSB
Full Scale Error(3)
±0.5
±0.25
%
Full Scale Error Drift
±14
✻
ppm/
°C
Full Scale Error(3)
Ext. 2.5000V Ref
±0.5
±0.25
%
Full Scale Error Drift
Ext. 2.5000V Ref
±5
✻
ppm/
°C
Bipolar Zero Error
Bipolar Ranges
±10
✻
mV
Bipolar Zero Error Drift
Bipolar Ranges
±3
✻
ppm/
°C
Unipolar Zero Error
Unipolar Ranges
±6
✻
mV
Unipolar Zero Error Drift
Unipolar Ranges
±3
✻
ppm/
°C
Recovery Time to Rated Accuracy
1.0
µF Capacitor to CAP
300
✻
µs
from Power Down(4)
Power Supply Sensitivity
+4.75V < (VS = +5V) < +5.25
±0.75
✻
LSB
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 1kHz
80
98
✻✻
dB(5)
Total Harmonic Distortion
fIN = 1kHz
–96
–80
✻✻
dB
Signal-to-(Noise+Distortion)
fIN = 1kHz
70
74
72
✻
dB
Signal-to-Noise
fIN = 1kHz
70
74
72
✻
dB
Useable Bandwidth(6)
130
✻
kHz
Full Power –3dB Bandwidth
600
✻
kHz
ABSOLUTE MAXIMUM RATINGS(1)
Analog Inputs: R1IN ......................................................................... ±16.5V
R2IN ................................................ GND – 0.3V to +16.5V
R3IN ......................................................................... ±16.5V
REF ............................................ GND – 0.3V to VS + 0.3V
CAP ............................................... Indefinite Short to GND
Momentary Short to VS
VS ........................................................................................................... 7V
Digital Inputs ...................................................... GND – 0.3V to VS + 0.3V
Maximum Junction Temperature ................................................... +165
°C
Internal Power Dissipation ............................................................. 825mW
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
MINIMUM
MAXIMUM
SPECIFIED
SIGNAL-TO-
INTEGRAL
NO MISSING
(NOISE +
SPECIFIED
LINEARITY
CODE LEVEL DISTORTION)
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
(LSB)
RATIO (DB)
PACKAGE-LEAD DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS7812P
±1
12
70
Dip-16
N
–40
°C to +85°C ADS7812P
ADS7812P
Tubes, 25
ADS7812PB
±0.5
12
72
""
"
ADS7812PB
ADS7812PB
Tubes, 25
ADS7812U
±1
12
70
SO-16
DW
–40
°C to +85°C ADS7812U
ADS7812U
Tubes, 48
"
"
"
"
"
"
"
"
ADS7812U/1K
Tape and Reel, 1000
ADS7812UB
±0.5
12
72
SO-16
DW
–40
°C to +85°C ADS7812UB
ADS7812UB
Tubes, 48
"
"
"
"
"
"
"
"
ADS7812UB/1K
Tape and Reel, 1000
PACKAGE/ORDERING INFORMATION
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com