Electronic Components Datasheet Search
  English  ▼

X  

ADS7812P Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS7812P
Description  Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7812P Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7812P Datasheet HTML 9Page - Texas Instruments ADS7812P Datasheet HTML 10Page - Texas Instruments ADS7812P Datasheet HTML 11Page - Texas Instruments ADS7812P Datasheet HTML 12Page - Texas Instruments ADS7812P Datasheet HTML 13Page - Texas Instruments ADS7812P Datasheet HTML 14Page - Texas Instruments ADS7812P Datasheet HTML 15Page - Texas Instruments ADS7812P Datasheet HTML 16Page - Texas Instruments ADS7812P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ADS7812
13
SBAS042A
www.ti.com
The input impedance results from the various connections
and the internal resistor values (refer to the block diagram on
the front page of this data sheet). The internal resistor values
are typical and can change by
±30%, due to process varia-
tions. However, the ratio matching of the resistors is consid-
erably better than this. Thus, the input range will vary only
a few tenths of a percent from part to part, while the input
impedance may vary up to
±30%.
The Specifications table contains the maximum limits for
the variation of the analog input range, but only for those
ranges where the comment field shows that the offset and
gain are specified (this includes all the ranges listed in Table
I). For the other ranges, the offset and gain are not tested and
are not specified.
Five of the input ranges in Table IV are not recommended
for general use. For two of the these, the input voltage
exceeds the absolute maximum. These ranges can still be
used as long as the input voltage remains under the absolute
maximum, but this will moderately to significantly reduce
the full-scale range of the converter.
The other three input ranges involve the connection at R2IN
being driven below GND – 0.3V. This input has a reverse-
biased ESD protection diode connection to ground. If R2IN
is taken below ground, this diode will be forward-biased and
will clamp the negative input at –0.4V to –0.7V, depending
on the temperature. Here again, these ranges can still be used
at the cost of the full-scale range of the converter.
Note that Table IV assumes that the voltage at the REF pin
is 2.5V. This is true if the internal reference is being used or
if the external reference is 2.5V. Other reference voltages
will change the values in Table IV.
HIGH IMPEDANCE MODE
When R1IN, R2IN, and R3IN are connected to the analog input,
the input range of the ADS7812 is 0.3125V to 2.8125V and
the input impedance is greater than 10M
Ω. This input range
can be used to connect the ADS7812 directly to a wide
variety of sensors. Figure 10 shows the impedance of the
sensor versus the change in ILE and DLE of the ADS7812.
The performance of the ADS7812 can be improved for higher
sensor impedance by allowing more time for acquisition. For
example, 10
µs of acquisition time will approximately double
sensor impedance for the same ILE/DLE performance.
The input impedance and capacitance of the ADS7812 are
very stable with temperature. Assuming that this is true of
the sensor as well, the graph shown in Figure 10 will vary
less than a few percent over the specified temperature range
of the ADS7812. If the sensor impedance varies signifi-
cantly with temperature, the worst-case impedance should
be used.
DRIVING THE ADS7812 ANALOG INPUT
In general, any “reasonably fast”, high quality operational or
instrumentation amplifier can be used to drive the ADS7812
input. When the converter enters the acquisition mode, there
is some charge injection from the converter’s input to the
amplifier’s output. This can result in inadequate settling
time with slower amplifiers. Be very careful with single-
supply amplifiers, particularly if their output will be re-
quired to swing very close to the supply rails.
In addition, be careful in regards to the amplifier’s linearity.
The outputs of single-supply and “rail-to-rail” amplifiers
can saturate as they approach the supply rails. Rather than
the amplifier’s transfer function being a straight line, the
curve can become severely ‘S’ shaped. Also, watch for the
point where the amplifier switches from sourcing current to
sinking current. For some amplifiers, the transfer function
can be noticeably discontinuous at this point, causing a
significant change in the output voltage for a much smaller
change on the input.
Texas Instruments manufactures a wide variety of opera-
tional and instrumentation amplifiers that can be used to
drive the input of the ADS7812. These include the OPA627,
OPA134, OPA132, and INA110.
REFERENCE
The ADS7812 can be operated with its internal 2.5V refer-
ence or an external reference. By applying an external
reference voltage to the REF pin, the internal reference
voltage is overdriven. The voltage at the REF input is
internally buffered by a unity gain buffer. The output of this
buffer is present at the BUF and CAP pins.
REF
The REF pin is the output of the internal 2.5V reference or
the input for an external reference. A 1
µF to 2.2µF tantalum
capacitor should be connected between this pin and ground.
The capacitor should be placed as close as possible to the
ADS7812.
When using the internal reference, the REF pin should not
be connected to any type of significant load. An external
load will cause a voltage drop across the internal 4k
Ω
resistor that is in series with the internal reference. Even a
4M
Ω external load to ground will cause a decrease in the
full-scale range of the converter by 4 LSBs.
FIGURE 10. Linearity Error vs Source Impedance in the High
Impedance Mode (R1IN = R2IN = R3IN = VIN).
LINEARITY ERROR vs SOURCE IMPEDANCE
External Source Impedance (k
Ω)
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0
1
2
3
4
5
6
7
8
9 10 11 12
14 15
13
T
A = +25°C
Acquisition Time = 5µs
ILE
DLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com