Electronic Components Datasheet Search
  English  ▼

X  

ADS822 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS822
Description  10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS822 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS822 Datasheet HTML 2Page - Texas Instruments ADS822 Datasheet HTML 3Page - Texas Instruments ADS822 Datasheet HTML 4Page - Texas Instruments ADS822 Datasheet HTML 5Page - Texas Instruments ADS822 Datasheet HTML 6Page - Texas Instruments ADS822 Datasheet HTML 7Page - Texas Instruments ADS822 Datasheet HTML 8Page - Texas Instruments ADS822 Datasheet HTML 9Page - Texas Instruments ADS822 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADS822, ADS825
6
SBAS069B
UNDERSAMPLING
(Differential Input, 2Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
20
f
S = 40MHz
f
IN = 75MHz
SNR = 59dBFS
SFDR = 66dBFS
2-TONE INTERMODULATION DISTORTION
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
20
f
1 = 9.5MHz at –7dBFS
f
2 = 9.9MHz at –7dBFS
IMD (3) = –67dB
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V, single-ended input range = 1.5V to 3.5V, sampling rate = 40MHz, and external reference, unless otherwise noted.
SWEPT POWER SFDR
Input Amplitude (dBFS)
100
80
60
40
20
0
–60
–50
–40
–30
–10
–20
0
dBc
dBFS
DIFFERENTIAL LINEARITY ERROR
Output Code
1.0
0.5
0
–0.5
–1.0
0
128
256
512
768
1024
f
IN = 1MHz
DIFFERENTIAL LINEARITY ERROR
Output Code
1.0
0.5
0
–0.5
–1.0
0
128
256
512
768
1024
f
IN = 10MHz
INTEGRAL LINEARITY ERROR
Output Code
2.0
1.0
0
–1.0
–2.0
0
256
512
768
1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com