Electronic Components Datasheet Search
  English  ▼

X  

ADS822 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS822
Description  10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS822 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS822 Datasheet HTML 7Page - Texas Instruments ADS822 Datasheet HTML 8Page - Texas Instruments ADS822 Datasheet HTML 9Page - Texas Instruments ADS822 Datasheet HTML 10Page - Texas Instruments ADS822 Datasheet HTML 11Page - Texas Instruments ADS822 Datasheet HTML 12Page - Texas Instruments ADS822 Datasheet HTML 13Page - Texas Instruments ADS822 Datasheet HTML 14Page - Texas Instruments ADS822 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ADS822, ADS825
11
SBAS069B
resistive reference ladder. The bandgap reference circuit
includes logic functions that allows setting the analog input
swing of the ADS822 and ADS825 to either a 1Vp-p or
2Vp-p full-scale range simply by tying the RSEL pin to a Low
or High potential, respectively. While operating the ADS822
in the external reference mode, the buffer amplifiers for the
REFT and REFB are disconnected from the reference lad-
der.
As shown, the ADS822 and ADS825 have internal 50k
Ω pull-
up resistors at the range select pin (RSEL) and reference
select pin (INT/EXT). Leaving these pins open configures the
ADS822 and ADS825 for a 2Vp-p input range and external
reference operation. Setting the ADS822 and ADS825 up for
internal reference mode requires bringing the INT/EXT pin
Low.
The reference buffers can be utilized to supply up to 1mA
(sink and source) to external circuitry. The resistor ladders of
the ADS822 and ADS825 are divided into several segments
and have two additional nodes, ByT and ByB, which are
brought out for external bypassing only (see Figure 6). To
ensure proper operation with any reference configurations, it
is necessary to provide solid bypassing at all reference pins
in order to keep the clock feedthrough to a minimum. All
bypassing capacitors should be located as close to their
respective pins as possible.
The common-mode voltage available at the CM pin may be
used as a bias voltage to provide the appropriate offset for
the driving circuitry. However, care must be taken not to
appreciably load this node, which is not buffered and has a
high impedance. An alternative way of generating a com-
mon-mode voltage is given in Figure 7. Here, two external
precision resistors (tolerance 1% or better) are located
between the top and bottom reference pins. The common-
mode voltage, CMV, will appear at the midpoint.
EXTERNAL REFERENCE OPERATION
For even more design flexibility, the internal reference can be
disabled and an external reference voltage be used. The
utilization of an external reference may be considered for
applications requiring higher accuracy, improved tempera-
ture performance, or a wide adjustment range of the
converter’s full-scale range. Especially in multichannel
applications, the use of a common external reference has the
benefit of obtaining better matching of the full-scale range
between converters.
The external references can vary as long as the value of the
external top reference REFTEXT stays within the range of
(VS – 1.25V) and (REFB + 0.8V), and the external bottom
reference REFBEXT stays within 1.25V and (REFT – 0.8V)
(See Figure 8).
DIGITAL INPUTS AND OUTPUTS
Clock Input Requirements
Clock jitter is critical to the SNR performance of high-speed,
high-resolution ADCs. Clock jitter leads to aperture jitter (tA),
which adds noise to the signal being converted. The ADS822
and ADS825 samples the input signal on the rising edge of the
CLK input. Therefore, this edge should have the lowest pos-
sible jitter. The jitter noise contribution to total SNR is given by
FIGURE 8. Configuration Example for External Reference Operation.
FIGURE 7. Alternative Circuit to Generate CM Voltage.
REFT
+3.5V
ADS822
ADS825
CMV
+2.5V
REFB
+1.5V
R
1
1.6k
Ω
R
2
1.6k
Ω
0.1
µF
0.1
µF
ADS822
ADS825
IN
IN
INT/EXT
REFT
ByT
GND
ByB
REFB
4 x 0.1
µF
External Top Reference
REFT = REFB +0.8V to +3.75V
+VS
BA
RSEL
GND
+5V
External Bottom Reference
REFB = REFT –0.8V to +1.25V
V
IN
A - Short for 1Vp-p Input Range
B - Short for 2Vp-p Input Range (Default)
CMV
+2.5V
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com