Electronic Components Datasheet Search
  English  ▼

X  

ADS823 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS823
Description  10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS823 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS823 Datasheet HTML 3Page - Texas Instruments ADS823 Datasheet HTML 4Page - Texas Instruments ADS823 Datasheet HTML 5Page - Texas Instruments ADS823 Datasheet HTML 6Page - Texas Instruments ADS823 Datasheet HTML 7Page - Texas Instruments ADS823 Datasheet HTML 8Page - Texas Instruments ADS823 Datasheet HTML 9Page - Texas Instruments ADS823 Datasheet HTML 10Page - Texas Instruments ADS823 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADS823, ADS826
SBAS070B
7
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, external reference, unless otherwise noted.
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Frequency (MHz)
80
70
60
50
0.1
1
10
100
SFDR
SNR
80
75
70
65
60
55
DYNAMIC PERFORMANCE vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (
°C)
SFDR (f
IN = 10MHz)
SFDR (f
IN = 20MHz)
SNR (f
IN = 20MHz)
SNR (f
IN = 10MHz)
65
60
55
50
SIGNAL-TO-(NOISE + DISTORTION)
vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (
°C)
f
IN = 1MHz
f
IN = 10MHz
f
IN = 20MHz
.40
.30
.20
.10
DIFFERENTIAL LINEARITY ERROR
vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (
°C)
f
IN = 20MHz
f
IN = 10MHz
f
IN = 1MHz
POWER DISSIPATION vs TEMPERATURE
Temperature (°C)
290
280
270
260
–50
0
25
–25
50
75
100
VDRV = +5V
800k
600k
400k
200k
0
OUTPUT NOISE HISTOGRAM (DC Input)
N – 2N – 1
N
N + 1
N + 2
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com