Electronic Components Datasheet Search
  English  ▼

X  

ADS823 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS823
Description  10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS823 Datasheet(HTML) 1 Page - Texas Instruments

  ADS823 Datasheet HTML 1Page - Texas Instruments ADS823 Datasheet HTML 2Page - Texas Instruments ADS823 Datasheet HTML 3Page - Texas Instruments ADS823 Datasheet HTML 4Page - Texas Instruments ADS823 Datasheet HTML 5Page - Texas Instruments ADS823 Datasheet HTML 6Page - Texas Instruments ADS823 Datasheet HTML 7Page - Texas Instruments ADS823 Datasheet HTML 8Page - Texas Instruments ADS823 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
10-Bit, 60MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
APPLICATIONS
q MEDICAL IMAGING
q COMMUNICATIONS
q CCD IMAGING
q VIDEO DIGITIZING
q TEST EQUIPMENT
DESCRIPTION
The ADS823 and ADS826 are pipeline, CMOS Analog-to-
Digital Converters (ADCs) that operate from a single +5V
power supply. These converters provide excellent perfor-
mance with a single-ended input and can be operated with a
differential input for added spurious performance. These
high-performance converters include a 10-bit quantizer, high-
bandwidth track-and-hold, and a high-accuracy internal ref-
erence. They also allow for disabling the internal reference
and utilizing external references. This external reference
option provides excellent gain and offset matching when
used in multi-channel applications or in applications where
full-scale range adjustment is required.
FEATURES
q HIGH SNR: 60dB
q HIGH SFDR: 74dBFS
q LOW POWER: 265mW
q INTERNAL/EXTERNAL REFERENCE OPTION
q SINGLE-ENDED OR
DIFFERENTIAL ANALOG INPUT
q PROGRAMMABLE INPUT RANGE
q LOW DNL: 0.25LSB
q SINGLE +5V SUPPLY OPERATION
10-Bit
Pipelined
A/D Core
Internal
Reference
Optional External
Reference
Timing
Circuitry
Error
Correction
Logic
3-State
Outputs
T/H
CLK
VDRV
ADS823
ADS826
+V
S
OE
PD
Int/Ext
D0
D9
•
•
•
IN
V
IN
IN
CM
ADS823
ADS826
ADS823
ADS826
SBAS070B – OCTOBER 1995 – REVISED AUGUST 2002
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1995, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
q +3V/+5V LOGIC I/O COMPATIBLE (ADS826)
q POWER DOWN: 20mW
q SSOP-28 PACKAGE
The ADS823 and ADS826 employ digital error correction
techniques to provide excellent differential linearity for de-
manding imaging applications. Their low distortion and high
SNR give the extra margin needed for medical imaging,
communications, video, and test instrumentation. The ADS823
and ADS826 offer power dissipation of 265mW and also
provide a power-down mode, thus reducing power dissipa-
tion to only 20mW.
The ADS823 and ADS826 are specified at a maximum
sampling frequency of 60MHz and a single-ended input
range of 1.5V to 3.5V. The ADS823 and ADS826 are avail-
able in an SSOP-28 package and are pin-compatible with the
10-bit, 40MHz ADS822 and ADS825, and the 10-bit, 75MHz
ADS828.


Similar Part No. - ADS823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823E TI-ADS823E Datasheet
334Kb / 16P
10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823E/1K TI-ADS823E/1K Datasheet
334Kb / 16P
10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823E/1KG4 TI-ADS823E/1KG4 Datasheet
334Kb / 16P
10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823EG4 TI-ADS823EG4 Datasheet
334Kb / 16P
10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064 TI-THS10064 Datasheet
543Kb / 41P
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS828 BURR-BROWN-ADS828 Datasheet
172Kb / 12P
10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com