Electronic Components Datasheet Search
  English  ▼

X  

ADS820 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS820
Description  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS820 Datasheet(HTML) 5 Page - Texas Instruments

  ADS820 Datasheet HTML 1Page - Texas Instruments ADS820 Datasheet HTML 2Page - Texas Instruments ADS820 Datasheet HTML 3Page - Texas Instruments ADS820 Datasheet HTML 4Page - Texas Instruments ADS820 Datasheet HTML 5Page - Texas Instruments ADS820 Datasheet HTML 6Page - Texas Instruments ADS820 Datasheet HTML 7Page - Texas Instruments ADS820 Datasheet HTML 8Page - Texas Instruments ADS820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
ADS820
5
SBAS037B
SPECTRAL PERFORMANCE
Frequency (MHz)
0
1.0
2.0
3.0
4.0
5.0
0
–20
–40
–60
–80
–100
–120
f
IN = 500kHz
f
S = 10MHz
SPECTRAL PERFORMANCE
Frequency (MHz)
0
2.0
4.0
6.0
8.0
10.0
0
–20
–40
–60
–80
–100
–120
f
IN = 4.8MHz
SPECTRAL PERFORMANCE
Frequency (MHz)
0
2.0
4.0
6.0
8.0
10.0
0
–20
–40
–60
–80
–100
–120
f
IN = 9.8MHz
0
–20
–40
–60
–80
–100
–120
TWO-TONE INTERMODULATION
0.0
2.50
5.00
7.50
10.00
Frequency (MHz)
f
1 = 4.5MHz
f
2 = 4.4MHz
DIFFERENTIAL LINEARITY ERROR
Code
2.0
1.0
0
–1.0
–2.0
Code
24
224
424
624
824
1024
f
IN = 500kHz
DIFFERENTIAL LINEARITY ERROR
Code
2.0
1.0
0
–1.0
–2.0
24
224
424
624
824
1024
f
IN = 10MHz
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, Sampling Rate = 20MHz, with a 50% duty cycle clock having a 2ns rise/fall time, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com