Electronic Components Datasheet Search
  English  ▼

X  

NTMFD4902NF Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFD4902NF
Description  Dual N-Channel Power MOSFET with Integrated Schottky
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFD4902NF Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFD4902NF Datasheet HTML 1Page - ON Semiconductor NTMFD4902NF Datasheet HTML 2Page - ON Semiconductor NTMFD4902NF Datasheet HTML 3Page - ON Semiconductor NTMFD4902NF Datasheet HTML 4Page - ON Semiconductor NTMFD4902NF Datasheet HTML 5Page - ON Semiconductor NTMFD4902NF Datasheet HTML 6Page - ON Semiconductor NTMFD4902NF Datasheet HTML 7Page - ON Semiconductor NTMFD4902NF Datasheet HTML 8Page - ON Semiconductor NTMFD4902NF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NTMFD4902NF
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
Q1
VDSS
30
V
Drain−to−Source Voltage
Q2
Gate−to−Source Voltage
Q1
VGS
±20
V
Gate−to−Source Voltage
Q2
Continuous Drain Current RqJA (Note 1)
Steady
State
TA = 25°C
Q1
ID
13.5
A
TA = 85°C
9.7
TA = 25°C
Q2
17.5
TA = 85°C
12.6
Power Dissipation
R
qJA (Note 1)
TA = 25°C
Q1
PD
1.90
W
Q2
1.99
Continuous Drain Current RqJA ≤ 10 s (Note 1)
TA = 25°C
Q1
ID
18.2
A
TA = 85°C
13.1
TA = 25°C
Q2
23
TA = 85°C
16.6
Power Dissipation
RqJA ≤ 10 s (Note 1)
TA = 25°C
Q1
PD
3.45
W
Q2
3.45
Continuous Drain Current
RqJA (Note 2)
TA = 25°C
Q1
ID
10.3
A
TA = 85°C
7.4
TA = 25°C
Q2
13.3
TA = 85°C
9.6
Power Dissipation
RqJA (Note 2)
TA = 25 °C
Q1
PD
1.10
W
Q2
1.16
Pulsed Drain Current
TA = 25
°C
tp = 10
ms
Q1
IDM
60
A
Q2
80
Operating Junction and Storage Temperature
Q1
TJ, TSTG
−55 to +150
°C
Q2
Source Current (Body Diode)
Q1
IS
3.4
A
Q2
4.9
Drain to Source dV/dt
dV/dt
6.0
V/ns
Single Pulse Drain−to−Source Avalanche Energy (TJ = 25C,
VDD = 50 V, VGS = 10 V, IL = XX Apk, L = 0.1 mH, RG = 25 W)
24 A
Q1
EAS
28.8
mJ
27 A
Q2
EAS
36.5
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Surface−mounted on FR4 board using 1 sq−in pad, 2 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size of 100 mm2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com