Electronic Components Datasheet Search
  English  ▼

X  

NTMFD4902NF Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMFD4902NF
Description  Dual N-Channel Power MOSFET with Integrated Schottky
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFD4902NF Datasheet(HTML) 3 Page - ON Semiconductor

  NTMFD4902NF Datasheet HTML 1Page - ON Semiconductor NTMFD4902NF Datasheet HTML 2Page - ON Semiconductor NTMFD4902NF Datasheet HTML 3Page - ON Semiconductor NTMFD4902NF Datasheet HTML 4Page - ON Semiconductor NTMFD4902NF Datasheet HTML 5Page - ON Semiconductor NTMFD4902NF Datasheet HTML 6Page - ON Semiconductor NTMFD4902NF Datasheet HTML 7Page - ON Semiconductor NTMFD4902NF Datasheet HTML 8Page - ON Semiconductor NTMFD4902NF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NTMFD4902NF
http://onsemi.com
3
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
FET
Symbol
Value
Unit
Junction−to−Ambient – Steady State (Note 3)
Q1
RqJA
65.9
°C/W
Q2
62.8
Junction−to−Ambient – Steady State (Note 4)
Q1
RqJA
113.2
Q2
108
Junction−to−Ambient – (t
≤ 10 s) (Note 3)
Q1
RqJA
36.2
Q2
36.2
3. Surface−mounted on FR4 board using 1 sq−in pad, 2 oz Cu.
4. Surface−mounted on FR4 board using the minimum recommended pad size of 100 mm2.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
FET
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Break-
down Voltage
Q1
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Q2
VGS = 0 V, ID = 1.0 mA
30
Drain−to−Source Break-
down Voltage Temperature
Coefficient
Q1
V(BR)DSS
/ TJ
18
mV /
°C
Q2
15
Zero Gate Voltage Drain
Current
Q1
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25°C
1
mA
TJ = 125°C
10
Q2
VGS = 0 V,
VDS = 24 V
TJ = 25°C
500
Gate−to−Source Leakage
Current
Q1
IGSS
VGS = 0 V, VDS = ±20 V
±100
nA
Q2
±100
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
Q1
VGS(TH)
VGS = VDS, ID = 250 mA
1.2
2.2
V
Q2
1.2
2.2
Negative Threshold Temper-
ature Coefficient
Q1
VGS(TH) /
TJ
4.5
mV /
°C
Q2
4.0
Drain−to−Source On Resist-
ance
Q1
RDS(on)
VGS = 10 V
ID = 10 A
5.2
6.5
m
W
VGS = 4.5 V
ID = 10 A
8.0
10
Q2
VGS = 10 V
ID = 15 A
3.3
4.1
VGS = 4.5 V
ID = 15 A
5.0
6.2
Forward Transconductance
Q1
gFS
VDS = 1.5 V, ID = 10 A
28
S
Q2
35
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
Q1
CISS
VGS = 0 V, f = 1 MHz, VDS = 15 V
1150
pF
Q2
1590
Output Capacitance
Q1
COSS
360
Q2
813
Reverse Capacitance
Q1
CRSS
105
Q2
83
5. Pulse Test: pulse width
≤ 300 ms, duty cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com