Electronic Components Datasheet Search
  English  ▼

X  

ADC08100 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08100
Description  ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08100 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC08100 Datasheet HTML 9Page - Texas Instruments ADC08100 Datasheet HTML 10Page - Texas Instruments ADC08100 Datasheet HTML 11Page - Texas Instruments ADC08100 Datasheet HTML 12Page - Texas Instruments ADC08100 Datasheet HTML 13Page - Texas Instruments ADC08100 Datasheet HTML 14Page - Texas Instruments ADC08100 Datasheet HTML 15Page - Texas Instruments ADC08100 Datasheet HTML 16Page - Texas Instruments ADC08100 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADC08100
www.ti.com
SNAS060I – JUNE 2000 – REVISED MAY 2013
Typical Performance Characteristics (continued)
VA = DR VD = 3V, fCLK = 100 MHz, fIN = 41 MHz, unless otherwise stated
SINAD/ENOB vs. Temperature
SINAD/ENOB vs. Supply Voltage
Figure 20.
Figure 21.
SINAD/ENOB vs. Sample Rate
SINAD/ENOB vs. Input Frequency
Figure 22.
Figure 23.
SINAD/ENOB vs. Clock Duty Cycle
Power Consumption vs. Sample Rate
Figure 24.
Figure 25.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC08100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com