Electronic Components Datasheet Search
  English  ▼

X  

CLP6B Datasheet(PDF) 4 Page - Marktech Corporate

Part # CLP6B
Description  PLCC6 3-in-1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLP6B Datasheet(HTML) 4 Page - Marktech Corporate

  CLP6B Datasheet HTML 1Page - Marktech Corporate CLP6B Datasheet HTML 2Page - Marktech Corporate CLP6B Datasheet HTML 3Page - Marktech Corporate CLP6B Datasheet HTML 4Page - Marktech Corporate CLP6B Datasheet HTML 5Page - Marktech Corporate CLP6B Datasheet HTML 6Page - Marktech Corporate CLP6B Datasheet HTML 7Page - Marktech Corporate CLP6B Datasheet HTML 8Page - Marktech Corporate CLP6B Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
CLD-CT1020.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Color Bin Limit (I
F = 3 x 50 mA)
Cool White
Bin
Code
Sub-
bin
x
y
W4
Wp
0.3070
0.3370
0.3185
0.3485
0.3200
0.3270
0.3100
0.3150
Wq
0.3100
0.3150
0.3200
0.3270
0.3215
0.3075
0.3130
0.2970
Wr
0.3185
0.3485
0.3300
0.3600
0.3300
0.3390
0.3200
0.3270
Ws
0.3200
0.3270
0.3300
0.3390
0.3300
0.3180
0.3215
0.3075
Bin
Code
Sub-
bin
x
y
W5
Wt
0.3300
0.3600
0.3455
0.3725
0.3443
0.3535
0.3300
0.3390
Wu
0.3300
0.3390
0.3443
0.3535
0.3430
0.3345
0.3300
0.3180
Wv
0.3455
0.3725
0.3610
0.3850
0.3585
0.3680
0.3443
0.3535
Ww
0.3443
0.3535
0.3585
0.3680
0.3560
0.3510
0.3430
0.3345
Tolerance of measurement of the color coordinates is ±0.01.
Warm White
Bin
Code
Sub-
bin
x
y
M1
Ma
0.3610
0.3900
0.3576
0.3651
0.3751
0.3783
0.3820
0.4075
Mb
0.3576
0.3651
0.3541
0.3401
0.3682
0.3491
0.3749
0.3781
Mc
0.3820
0.4075
0.3751
0.3783
0.3926
0.3915
0.4030
0.4250
Md
0.3751
0.3783
0.3682
0.3491
0.3822
0.3580
0.3926
0.3915
Bin
Code
Sub-
bin
x
y
M2
Me
0.4030
0.4250
0.3926
0.3915
0.4118
0.4021
0.4260
0.4390
Mf
0.3926
0.3915
0.3822
0.3580
0.3976
0.3653
0.4118
0.4021
Mg
0.4260
0.4390
0.4118
0.4021
0.4310
0.4128
0.4490
0.4530
Mh
0.4118
0.4021
0.3976
0.3653
0.4129
0.3725
0.4310
0.4128
Bin
Code
Sub-
bin
x
y
M3
Mj
0.4490
0.4530
0.4310
0.4128
0.4572
0.4203
0.4785
0.4625
Mk
0.4310
0.4128
0.4129
0.3726
0.4359
0.3782
0.4572
0.4203
Mm
0.4785
0.4625
0.4572
0.4203
0.4834
0.4279
0.5080
0.4720
Mn
0.4572
0.4203
0.4359
0.3782
0.4588
0.3838
0.4834
0.4279
Tolerance of measurement of the color coordinates is ±0.01.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com