Electronic Components Datasheet Search
  English  ▼

X  

CLP6B Datasheet(PDF) 5 Page - Marktech Corporate

Part # CLP6B
Description  PLCC6 3-in-1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLP6B Datasheet(HTML) 5 Page - Marktech Corporate

  CLP6B Datasheet HTML 1Page - Marktech Corporate CLP6B Datasheet HTML 2Page - Marktech Corporate CLP6B Datasheet HTML 3Page - Marktech Corporate CLP6B Datasheet HTML 4Page - Marktech Corporate CLP6B Datasheet HTML 5Page - Marktech Corporate CLP6B Datasheet HTML 6Page - Marktech Corporate CLP6B Datasheet HTML 7Page - Marktech Corporate CLP6B Datasheet HTML 8Page - Marktech Corporate CLP6B Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
CLD-CT1020.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
CIE Chromaticity Diagram
Ww
Wv
Wu
Wt
Ma
Mb
Md
Mc
0.2300
0.2300
We
Wf
Wg
Wh
Wj
Wk
Wm
Wn
Wp
Wq
Ws
Wr
M3
Me
Mf
Mh
Mg
Mj
Mk
Mn
Mm
0.2900
0.3500
0.4100
x
0.4700
0.5300
0.2900
0.3500
0.4100
0.4700
0.5300
500
0K
3500K
3000K
2700K
2500K
4000K
0.1700
0.1700
Wc
Wd
Wa
Wb



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com