Electronic Components Datasheet Search
  English  ▼

X  

IXTR16P60P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTR16P60P
Description  P-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTR16P60P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTR16P60P Datasheet HTML 1Page - IXYS Corporation IXTR16P60P Datasheet HTML 2Page - IXYS Corporation IXTR16P60P Datasheet HTML 3Page - IXYS Corporation IXTR16P60P Datasheet HTML 4Page - IXYS Corporation IXTR16P60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXTR16P60P
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1: Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
ISOPLUS247 (IXTR) Outline
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS = -10V, ID = - 8A, Note 1
11
18
S
C
iss
5120
pF
C
oss
V
GS = 0V, VDS = - 25V, f = 1MHz
445
pF
C
rss
60
pF
t
d(on)
29
ns
t
r
25
ns
t
d(off)
60
ns
t
f
38
ns
Q
g(on)
92
nC
Q
gs
V
GS = -10V, VDS = 0.5 • VDSS, ID = - 8A
27
nC
Q
gd
23
nC
R
thJC
0.66
°C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
- 16
A
I
SM
Repetitive, pulse width limited by T
JM
- 64
A
V
SD
I
F = - 8A, VGS = 0V, Note 1
- 2.8
V
t
rr
440
ns
Q
RM
7.4
μC
I
RM
- 33.6
A
I
F = - 8A, -di/dt = -150A/μs
V
R = -100V, VGS = 0V
Resistive Switching Times
V
GS = -10V, VDS = 0.5 • VDSS, ID = - 8A
R
G = 3Ω (External)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com