Electronic Components Datasheet Search
  English  ▼

X  

IXTR16P60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTR16P60P
Description  P-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTR16P60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTR16P60P Datasheet HTML 1Page - IXYS Corporation IXTR16P60P Datasheet HTML 2Page - IXYS Corporation IXTR16P60P Datasheet HTML 3Page - IXYS Corporation IXTR16P60P Datasheet HTML 4Page - IXYS Corporation IXTR16P60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
- 600
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
- 600
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
- 10
A
I
DM
T
C = 25°C, pulse width limited by TJM
- 48
A
I
AR
T
C = 25°C
- 16
A
E
AS
T
C = 25°C
2.5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
190
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
V
ISOL
50/60 Hz, RMS
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting force
20..120 / 4.5..27
N/lb.
Weight
5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250μA
- 600
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 2.5
- 4.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS
- 25
μA
V
GS = 0V
T
J = 125°C
- 200
μA
R
DS(on)
V
GS = -10V, ID = - 8A, Note 1
790 m
Ω
PolarPTM
Power MOSFET
P-Channel Enhancement Mode
Avalanche Rated
IXTR16P60P
V
DSS
= - 600V
I
D25
= - 10A
R
DS(on) ≤
≤≤≤≤
790m
Ω
Ω
Ω
Ω
Ω
Preliminary Technical Information
G = Gate
D = Drain
S = Source
Isolated Tab
ISOPLUS247 (IXTR)
E153432
DS99989(5/08)
Features
Silicon chip on Direct-Copper Bond
(DCB) substrate
- UL recognized package
- Isolated mounting surface
- 2500V electrical isolation
Avalanche rated
The rugged PolarPTM process
Low Q
G
Low Drain-to-Tab capacitance
Low package inductance
- easy to drive and to protect
Applications
High side switching
Push-pull amplifiers
DC Choppers
Automatic test equipment
Load-Switch Application
Fuel Injection Systems


Similar Part No. - IXTR16P60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
Advance Technical Information
IXTR120P20T IXYS-IXTR120P20T Datasheet
203Kb / 6P
P-Channel Enhancement Mode
IXTR140P10T IXYS-IXTR140P10T Datasheet
196Kb / 6P
P-Channel Enhancement Mode
IXTR170P10P IXYS-IXTR170P10P Datasheet
128Kb / 5P
P-Channel Enhancement Mode
logo
Inchange Semiconductor ...
IXTR170P10P ISC-IXTR170P10P Datasheet
369Kb / 2P
P-Channel MOSFET Transistor
More results

Similar Description - IXTR16P60P

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
P-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
P-Channel Enhancement Mode
logo
Unisonic Technologies
UT3401Z UTC-UT3401Z Datasheet
307Kb / 5P
P-CHANNEL ENHANCEMENT MODE
logo
IXYS Corporation
IXTH90P10P IXYS-IXTH90P10P Datasheet
138Kb / 5P
P-Channel Enhancement Mode
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
P-Channel Enhancement-Mode P-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com