Electronic Components Datasheet Search
  English  ▼

X  

MB290 Datasheet(PDF) 6 Page - Marktech Corporate

Part # MB290
Description  Generation II LEDs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MB290 Datasheet(HTML) 6 Page - Marktech Corporate

  MB290 Datasheet HTML 1Page - Marktech Corporate MB290 Datasheet HTML 2Page - Marktech Corporate MB290 Datasheet HTML 3Page - Marktech Corporate MB290 Datasheet HTML 4Page - Marktech Corporate MB290 Datasheet HTML 5Page - Marktech Corporate MB290 Datasheet HTML 6Page - Marktech Corporate MB290 Datasheet HTML 7Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and MegaBright are registered trademarks, and MegaBright Max, MB Max and MB are trademarks of Cree,
Inc.
6
CPR3CK Rev. C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxMB290-Sxx00 (continued)
505MB
C505MB290-S0600
C505MB290-0205
C505MB290-0206
C505MB290-0203
C505MB290-0204
C505MB290-0201
C505MB290-0202
500nm
505nm
510nm
9.0 mW
7.5 mW
6.0 mW
Dominant Wavelength
527MB
C527MB290-S0500
C527MB290-0207
C527MB290-0208
C527MB290-0209
C527MB290-0204
C527MB290-0205
C527MB290-0206
C527MB290-0201
C527MB290-0202
C527MB290-0203
520 nm
525 nm
530 nm
535 nm
7.0 mW
6.0 mW
5.0 mW
Dominant Wavelength



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com