Electronic Components Datasheet Search
  English  ▼

X  

MB290 Datasheet(PDF) 1 Page - Marktech Corporate

Part # MB290
Description  Generation II LEDs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MB290 Datasheet(HTML) 1 Page - Marktech Corporate

  MB290 Datasheet HTML 1Page - Marktech Corporate MB290 Datasheet HTML 2Page - Marktech Corporate MB290 Datasheet HTML 3Page - Marktech Corporate MB290 Datasheet HTML 4Page - Marktech Corporate MB290 Datasheet HTML 5Page - Marktech Corporate MB290 Datasheet HTML 6Page - Marktech Corporate MB290 Datasheet HTML 7Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image

Subject to change without notice.
www.cree.com
FEATURES
MegaBright LED Performance
460 & 470nm
MB-8 – 8.0 mW min.
MB-10 - 10.0 mW min.
MB-12 - 12.0 mW min.
MB-14 - 14.0 mW min.
MB-16 - 16.0 mW min (460 nm)
505 nm - 6.0 mW min.
527 nm - 5.0 mW min.
Single Wire Bond Structure
Class 2 ESD Rating
•
–
–
–
•
•
APPLICATIONS
White LEDs
LCD Backlighting Units
Outdoor LED Video Displays
Automotive Dashboard Lighting
Traffic Signals
•
•
•
•
•
MegaBright® Generation II LEDs
CxxxMB290-Sxx00
Cree’s MB™ Generation II series of MegaBright LEDs combine highly efficient InGaN materials with Cree’s
proprietary G•SiC® substrate to deliver superior price/performance for high-intensity LEDs. These LED chips have a
geometrically enhanced vertical chip structure to maximize light extraction efficiency and require only a single wire
bond connection. Sorted die kits provide die sheets conveniently sorted into wavelength and radiant flux bins. Cree’s
MB series chips are tested for conformity to optical and electrical specifications and the ability to withstand 1000V
ESD. These LEDs are useful in a broad range of applications such as outdoor full-motion LED video signs, automotive
lighting and white LEDs, yet can also be used in high-volume applications such as LCD backlighting. Cree’s MB series
chips are compatible with most radial and SMT LED assembly processes.
CxxxMB290-Sxx00 Chip Diagram
Top View
Bottom View
G•SiC LED Chip
300 x 300 μm
SiC Substrate
h = 250 μm
Backside
Metallization
Gold Bond Pad
112 μm Diameter
Die Cross Section
Cathode (-)
Anode (+)
Mesa (junction)
250 x 250 μm
InGaN


Similar Part No. - MB290

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MB290 MARKTECH-MB290_15 Datasheet
279Kb / 7P
Generation II LEDs
More results

Similar Description - MB290

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXMB290-SXX00 CREE-CXXXMB290-SXX00 Datasheet
250Kb / 7P
MegaBright® Generation II LEDs
logo
Marktech Corporate
C430CB230-S2100 MARKTECH-C430CB230-S2100 Datasheet
347Kb / 4P
SuperBlue Generation II LEDs
C430CB290-S2100 MARKTECH-C430CB290-S2100 Datasheet
356Kb / 4P
SuperBlue Generation II LEDs
CB230 MARKTECH-CB230 Datasheet
347Kb / 4P
Generation II LEDs
CB290 MARKTECH-CB290 Datasheet
356Kb / 4P
Generation II LEDs
CB230 MARKTECH-CB230_15 Datasheet
347Kb / 4P
Generation II LEDs
CB290 MARKTECH-CB290_15 Datasheet
356Kb / 4P
Generation II LEDs
MB290 MARKTECH-MB290_15 Datasheet
279Kb / 7P
Generation II LEDs
logo
Cree, Inc
C430CB230-S2100 CREE-C430CB230-S2100_16 Datasheet
269Kb / 4P
SuperBlue Generation II LEDs
C430CB290-S2100 CREE-C430CB290-S2100_16 Datasheet
280Kb / 4P
SuperBlue Generation II LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com