Electronic Components Datasheet Search
  English  ▼

X  

ADBC7519 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADBC7519
Description  Dual 1.2GHz core processor COM Express compact module VxWorks or Linux environment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADBC7519 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADBC7519 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADBC7519 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADBC7519 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
System Architecture
North America
sales.na@eurotech.com
Europe, Middle East and Africa
sales.emea@eurotech.com
Latin America
sales.la@eurotech.com
Asia Pacific
sales.ap@eurotech.com
For your local contact please refer to:
www.eurotech.com/contacts
PROCESSOR
• Freescale™ P2020 with dual 1.2GHz cores
• L1 cache: 32kB for data and 32kB for instruction per core
• L2 cache: 512kB
OPERATING ENVIRONMENT
• VxWorks
• Linux
RAM MEMORY
2GB of 72-bit DDR3-800 SO-DIMM with ECC
FLASH MEMORY
2GB (bootable)
SERIAL EEPROM
I2C 2KB
NETWORK
3x 10/100/1000 BASE-T Ethernet interfaces
SPI
QorIQ Enhanced Serial Peripheral Interface (eSPI)
SECURE DIGITAL
QorIQ Enhanced Secure Digital Host Controller (SD/MMC)
(bootable)
PCI EXPRESS
• 1x PCI Express interface (x1 lane)
• 1x PCI Express interface (x2 lane)
• PCI Express Base Rev1.1
USB
4x USB 2.0 ports
UART
2x UART interfaces
I2C
4x I2C interface extended by I2C-HUB
GPIO
• 6x GPI
• 6x GPO
INTERRUPT
QorIQ Programmable interrupt controller (PIC)
IEEE1588
Connected to QorIQ processor:
• TMR_1588_CLK
• TMR_GCLK
• TMR_TRIG1,2
• TMR_PP1,2
• TMR_ALARM1,2
REAL TIME CLOCK
Equivalent to RTC-8564JE (backed up by VCC_RTC power)
DISPLAY
• 1x Analog VGA
• 2x LVDS (Data 4-pair, Clock 1-pair)
• Z11m (XGI)
JTAG COP
Available as an option
PHYSICAL
• Compact Module (95mm x 95mm)
• PICMG COM.0 R2.0 COM Express Module Base Specification
• RoHS compliant
POWER
• Power supply: 12.0V±5% SBY: 5V±5% (supplied from COM Express connector
• Consumption current: 12V: max 2.4A SBY: max 0.1A
TEMPERATURE
Operating: 0°C to +50°C
ORDERING INFORMATION
Coming soon
Adbc7519
Note: The information in this document is subject to change without notice and should not be construed as a commitment by EUROTECH.
While reasonable precautions have been taken, EUROTECH assumes no responsibility for any error that may appear in this document.
All trademarks or registered trademarks are the properties of their respective companies.
ETH_Adbc7519_DS_02/2011
COM Express Module with the
Freescale™ P2020 CPU



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com