Electronic Components Datasheet Search
  English  ▼

X  

ADBC7519 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADBC7519
Description  Dual 1.2GHz core processor COM Express compact module VxWorks or Linux environment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADBC7519 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADBC7519 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADBC7519 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADBC7519 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P2020 Processor – The Adbc7519 is available with the dual
core, 1.2GHz P2020 processor.
ECC Memory – The Adbc7519 comes with DDR-3 memory
which supports Error Code Correction (ECC) and increases
reliability and accuracy in data receiving and transmitting.
Compact COM Express Form Factor – At 95 x 95 mm,
the Adbc7519 is ideal for small form factor designs which want
to leverage the flexibility and performance possibilities of the
COM Express form factor.
High Speed Interfaces – High speed interfaces include
Gigabit Ethernet, USB 2.0, and PCIe.
• Medical
• Transportation
• Defense
• Communication
• Industrial machinery
The Adbc7519 is the latest product in Eurotech’s COM Express module product
line based on Freescale’s QorIQ processor family. The Adbc7519 is fitted with
the dual core P2020 processor and has ECC support. The Adbc7519 is a
versatile product suited for several markets including medical, transportation,
and communications.
The Adbc7519 comes with extensive I/O by coupling the capabilities of the
QorIQ processor with our engineering expertise and focus on small footprint
and high-end performance. These features include three Gigabit Ethernet ports,
dual UARTS, and quad USB 2.0 ports. The Adbc7519 also allows for graphics
and video plug-ins with VGA and LVDS features.
OEMs can choose from a Linux or VxWorks operating system, taking advantage
of these development environments.
Eurotech offers a standard carrier board and services for those customers who
wish to design their own.
COM Express Module with the
Freescale™ P2020 CPU
• Dual 1.2GHz core processor
• COM Express compact module
• VxWorks or Linux environment
• eMMC Flash memory
• DDR-3 memory with ECC support
• RoHS compliancy
Adbc7519
FEATURES


Similar Part No. - ADBC7519

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADBC7517 ETC2-ADBC7517 Datasheet
302Kb / 3P
Eight core processor Linux or VxWorks ECC support Bootable via Flash, SPI, or SD/SDHC
More results

Similar Description - ADBC7519

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5786 ADVANTECH-SOM-5786_11 Datasheet
1Mb / 3P
Intel짰 Core?? Duo Processor GME965 COM-Express Basic Module
SOM-5787 ADVANTECH-SOM-5787_11 Datasheet
1Mb / 3P
Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-6761 ADVANTECH-SOM-6761_12 Datasheet
1Mb / 2P
Intel짰 Atom??Processor N270 COM-Express Compact Module
SOM-6787 ADVANTECH-SOM-6787 Datasheet
1Mb / 3P
Intel짰 Core?? Duo Processor GS45 COM-Express Compact Module
logo
List of Unclassifed Man...
ADBC7517 ETC2-ADBC7517 Datasheet
302Kb / 3P
Eight core processor Linux or VxWorks ECC support Bootable via Flash, SPI, or SD/SDHC
ADBC7520 ETC2-ADBC7520 Datasheet
281Kb / 3P
Dual 800MHz core processor COM Express compact module IEEE1588
logo
Advantech Co., Ltd.
SOM-6869 ADVANTECH-SOM-6869 Datasheet
1Mb / 2P
COM-Express Compact Module
SOM-6869 ADVANTECH-SOM-6869_18 Datasheet
1Mb / 2P
COM-Express Compact Module
logo
DFI Inc
KU968 DFI-KU968 Datasheet
1Mb / 2P
7th Gen Intel Core Processor COM Express Compact
WL968 DFI-WL968 Datasheet
967Kb / 2P
8th Gen Intel Core Processor COM Express Compact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com