Electronic Components Datasheet Search
  English  ▼

X  

RS3A Datasheet(PDF) 1 Page - General Semiconductor

Part # RS3A
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

RS3A Datasheet(HTML) 1 Page - General Semiconductor

  RS3A Datasheet HTML 1Page - General Semiconductor RS3A Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS3A THRU RS3K
SURFACE MOUNT FAST SWITCHING RECTIFIER
Reverse Voltage - 50 to 800 Volts
Forward Current - 3.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ For surface mount applications
♦ Low profile package
♦ Built-in strain relief,
ideal for automated placement
♦ Fast switching for high efficiency
♦ Easy pick and place
♦ Glass passivated chip junction
♦ High temperature soldering:
250°C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic body over
passivated chip
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.007 ounce, 0.25 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
RS3A
RS3B
RS3D
RS3G
RS3J
RS3K
UNITS
Device marking code
RA
RB
RD
RG
RJ
RK
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
Volts
Maximum average forward rectified current
at TL=75°C
I(AV)
3.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
100.0
Amps
rated load (JEDEC Method) TL=75°C
Maximum instantaneous forward voltage at 2.5A
VF
1.3
Volts
Maximum DC reverse current
TA=25°C
10.0
at Rated DC blocking voltage
TA=125°C
IR
250
µA
Maximum reverse recovery time (NOTE 1)
trr
150
250
500
ns
Typical junction capacitance (NOTE 2)
CJ
60.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
50.0
R
ΘJL
15.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied VR=4.0 Volts
(3) Thermal resistance from junction to ambient and from junction to lead mounted on
P.C.B. with 0.3 x 0.3” (8.0 x 8.0mm) copper pad areas
4/98
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.305 (7.75)
0.320 (8.13)
0.260 (6.60)
0.280 (7.11)
0.079 (2.06)
0.103 (2.62)
0.220 (5.59)
0.245 (6.22)
0.126 (3.20)
0.114 (2.90)
MAX.
DO-214AB
MODIFIED J-BEND
Dimensions in inches and (millimeters)


Similar Part No. - RS3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3A SSE-RS3A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Fuji Electric
RS3A FUJI-RS3A Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
RS3A TSC-RS3A Datasheet
54Kb / 2P
3.0 AMPS. Fast Recovery Surface Mount Rectifiers
More results

Similar Description - RS3A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
RS1A SSE-RS1A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
GR1A GOOD-ARK-GR1A Datasheet
168Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
SR26 GOOD-ARK-SR26 Datasheet
185Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
Surface Mount Fast Switching Rectifier
19-Apr-11
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
Surface Mount Fast Switching Rectifier
25-Apr-14
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
Surface Mount FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
Surface-Mount Fast Switching Rectifier
25-Feb-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com