Electronic Components Datasheet Search
  English  ▼

X  

RS3A Datasheet(PDF) 2 Page - General Semiconductor

Part # RS3A
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

RS3A Datasheet(HTML) 2 Page - General Semiconductor

  RS3A Datasheet HTML 1Page - General Semiconductor RS3A Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
0
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
0
50
100
150
200
0
1.0
2.0
2.5
3.0
0
20
406080
100
0.01
0.1
1
10
100
0.01
0.1
1
10
100
0.1
1
10
100
RATINGS AND CHARACTERISTIC CURVES RS3A THRU RS3K
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=-40°C
TJ=25°C
TJ=125°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=125°C
TJ=75°C
TJ=25°C
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
TL=75°C
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
P.C.B. MOUNTED
0.3 x 3.0” (8.0 x 8.0mm)
COPPER PAD AREAS
RESISTIVE OR INDUCTIVE LOAD
FIG. 5 - TYPICAL TRANSIENT THERMAL IMPEDANCE
MOUNTED ON 0.20 x 0.27” (5 x 7mm)
COPPER PAD AREAS
t, PULSE DURATION, sec



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com