Electronic Components Datasheet Search
  English  ▼

X  

STD65N3LLH5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD65N3LLH5
Description  N-channel 30 V, 0.0061, 65 A, DPAK, IPAK STripFET V Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD65N3LLH5 Datasheet(HTML) 4 Page - STMicroelectronics

  STD65N3LLH5 Datasheet HTML 1Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 2Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 3Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 4Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 5Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 6Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 7Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 8Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STD65N3LLH5, STU65N3LLH5
4/17
Doc ID 17281 Rev 1
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
Voltage
ID = 250 µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 30 V
VDS = 30 V,Tc = 125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 22 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
1
1.8
3
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 32.5 A
SMD version
0.0061 0.0069
Ω
VGS= 10 V, ID= 32.5 A
0.0065 0.0073
Ω
VGS= 4.5 V, ID= 32.5 A
SMD version
0.0084 0.0093
Ω
VGS= 4.5 V, ID= 32.5 A
0.0088 0.0097
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25 V, f=1 MHz,
VGS=0
-
1290
240
32
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=15 V, ID = 65 A
VGS =4.5 V
(Figure 14)
-
8
3.6
3.4
-
nC
nC
nC
Rg
Intrinsic gate resistance
f=1 MHz Gate DC Bias=0
test signal level = 20 mV
open drain
1.7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com