Electronic Components Datasheet Search
  English  ▼

X  

STD65N3LLH5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD65N3LLH5
Description  N-channel 30 V, 0.0061, 65 A, DPAK, IPAK STripFET V Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD65N3LLH5 Datasheet(HTML) 5 Page - STMicroelectronics

  STD65N3LLH5 Datasheet HTML 1Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 2Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 3Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 4Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 5Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 6Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 7Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 8Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STD65N3LLH5, STU65N3LLH5
Electrical characteristics
Doc ID 17281 Rev 1
5/17
Table 6.
Switching on/off (resistive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=10 V, ID= 65 A,
RG=4.7 Ω, VGS= 10 V
(Figure 13 and
Figure 18)
-
8.6
11.2
-
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD=10 V, ID= 25 A,
RG=4.7 Ω, VGS= 10 V
(Figure 13 and
Figure 18)
-
32.4
6
-
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%.
-
65
260
A
A
VSD
Forward on voltage
ISD=32.5 A, VGS=0
-
1.1
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=32.5 A,
di/dt =100 A/µs,
VDD=20 V, (Figure 15)
-
22
15
1.4
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com