Electronic Components Datasheet Search
  English  ▼

X  

COM-1267 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # COM-1267
Description  PC/104-Plus architecture. Can be also used in PC/104-only architectures or Standalone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

COM-1267 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  COM-1267 Datasheet HTML 1Page - List of Unclassifed Manufacturers COM-1267 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
North America
sales.na@eurotech.com
Europe, Middle East and Africa
sales.emea@eurotech.com
Latin America
sales.la@eurotech.com
Asia Pacific
sales.ap@eurotech.com
Foryourlocalcontactpleasereferto:
www.eurotech.com/contacts
COM-1267
Note:TheinformationinthisdocumentissubjecttochangewithoutnoticeandshouldnotbeconstruedasacommitmentbyEUROTECH.
Whilereasonableprecautionshavebeentaken,EUROTECHassumesnoresponsibilityforanyerrorthatmayappearinthisdocument.
Alltrademarksorregisteredtrademarksarethepropertiesoftheirrespectivecompanies.
ETH_COM-1267_DS_01/2012
PC/104-Plus Switch with five
10/100MB Ethernet ports
Physical Characteristics
DIMENSIONS
•90x96mm(3.6"x3.8")
HEIGHT
•11mm(0.4’’)
POWERSUPPLY
•Single+5VDC+/-5%
POWERCONSUMPTION
•600mA@5V
OPERATINGTEMPERATURE
•0to+60°C(standard)
•-40to+85°C(extended)
HUMIDITY
•Upto95%@40°Cnon-condensing
Options
•Extendedoperatingtemperaturerange
•Conformalcoating
•CustomConnectors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com