Electronic Components Datasheet Search
  English  ▼

X  

COM-1267 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # COM-1267
Description  PC/104-Plus architecture. Can be also used in PC/104-only architectures or Standalone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

COM-1267 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  COM-1267 Datasheet HTML 1Page - List of Unclassifed Manufacturers COM-1267 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Features:
• PC/104-Plus architecture. Can be also used in PC/104-only
architecturesorStandalone
• Integrated Five port 10/100 Mbps Ethernet Switch with Physical
LayerTransceivers
• 64KBSRAMframebuffer
• 10BaseTand100BaseTXoperatingmodes
• Superioranalogtechnologyforreducedpowerconsumption
• Features QoS for DiffServ priority, 802.1p based priority or port
basedprioritysupport
• LEDindicatorsforlink,activity,full/halfduplexandspeed
• UnmanagedoperationviaEEPROMatsystemresettime
• Hardwarebased10/100,full/half,flowcontrolandauto
negotiation
• Individual port forced modes (full duplex, 100BaseTX) when auto
negotiationisdisabled
• Integrated address Look-Up Engine, supports 1K absolute MAC
address
• Automaticaddresslearning,addressagingandaddressmigration
• Broadcaststormprotection
• FullduplexIEEE802.3xflowcontrol
• Halfduplexbackpressureflowcontrol
• SupportsMDI/MDI-Xautocrossover
• FullyRoHS(2002/95/CE)Compliant
RoHS:
• FullyRoHS(2002/95/CE)Compliant
The COM-1267 can be used as a standalone module or integrated within a
PC104orPC104-PlussystemtogetherwithaEurotechCPUmodule.
OptionallytheCOM-1267canfeatureacrossoverconnectionbetweenEthernet
ports2and3thatcanbeactivatedviasoftware,automaticallyactivatedwhen
theboardispoweredoff,oractivatedwhenaWatchdogsignalisreceivedfrom
thehostEurotechCPUmodule.
TypicalapplicationsfortheCOM-1267includeremotedataacquisition,machine
monitoring, process control, environmental control, and communications
gatewaysforfactoryautomation,aerospace,telecomandtransportation.
PC/104-Plus Switch with five
10/100MB Ethernet ports
COM-1267
FEATURES


Similar Part No. - COM-1267

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-12025 SPARKFUN-COM-12025 Datasheet
218Kb / 1P
LED RGB Strip - Addressable, Bare (1m)
logo
List of Unclassifed Man...
COM-1240 ETC2-COM-1240 Datasheet
210Kb / 2P
MVB Interface Board
logo
SparkFun Electronics
COM-12712 SPARKFUN-COM-12712 Datasheet
184Kb / 1P
Fiber Optic Fabric - Black (40x75 cm)
12/7/2016
logo
List of Unclassifed Man...
COM-1274 ETC2-COM-1274 Datasheet
369Kb / 3P
Serial ??8 asynchronous RS232/422/485 serial ports (software configurable)
logo
SparkFun Electronics
COM-12745 SPARKFUN-COM-12745 Datasheet
104Kb / 1P
Mini Microswitch Mount ??A (pair)
8????7
More results

Similar Description - COM-1267

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCM-3115 ETC-PCM-3115 Datasheet
285Kb / 1P
PC/104-Plus PCMCIA Module
logo
Advantech Co., Ltd.
PCM-3620 ADVANTECH-PCM-3620 Datasheet
356Kb / 1P
USB 2.0/IEEE 1394a PC/104-Plus Module 4 SATA PC/104-Plus Module
logo
List of Unclassifed Man...
VL-EPM-V4 ETC2-VL-EPM-V4 Datasheet
682Kb / 2P
PC/104-Plus Video Expansion Module
EPM-VID-3 ETC2-EPM-VID-3 Datasheet
376Kb / 2P
PC/104-Plus Video Expansion Module
VL-EPM-24SU ETC2-VL-EPM-24SU Datasheet
690Kb / 2P
PC/104 -Plus Single Board Computer
VL-EPM-16V ETC2-VL-EPM-16V Datasheet
656Kb / 2P
PC/104-Plus Single Board Computer
logo
Samtec, Inc
ESQT-117-03-L-D-310 SAMTEC-ESQT-117-03-L-D-310 Datasheet
1Mb / 1P
PC/104-PLUS??SELF-NESTING SOCKETS
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
PCM-9112 ETC2-PCM-9112 Datasheet
284Kb / 1P
PC-104 Plus Modules
logo
ADL Embedded Solutions
ADLL8XPC ADL-ADLL8XPC Datasheet
278Kb / 3P
PC/104-Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com