Electronic Components Datasheet Search
  English  ▼

X  

CPU-1474 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPU-1474
Description  PC/104-Plus compliant Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPU-1474 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPU-1474 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPU-1474 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPU-1474 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CPU-1474
Embedded Enhanced BIOS
EUROTECH Inc
e-mail: sales-us@eurotech.com
tel: +1 301.490.4007
toll free: +1 888.941.2224
EUROTECH UK
e-mail: sales-uk@eurotech.com
tel: +44 (0) 1223 403.410
EUROTECH Italy
e-mail: sales-it@eurotech.com
tel: +39 0433.485.411
EUROTECH Finland
e-mail: sales-fi@eurotech.com
tel: +358 9.477.888.0
EUROTECH France
e-mail: sales-fr@eurotech.com
tel: +33 04.72.89.00.90
Americas
Western Europe
Central & Southern Europe
Northern & Eastern Europe
www.eurotech.com
• Standard Phoenix BIOS
• Boot Watchdog Management
• Set-Up in Flash in order to avoid Set-Up corruption in field
• Remote console redirection: allows a system with no keyboard
and no video hardware to transmit video and keyboard data to a
host system via the serial port
• Etherboot support: allows the system to boot up from a LAN
connection for diskless operation
Power Management
• Temperature monitor with hardware thermal management circuit
• Power fail Reset (safe operation between 4.75V and 5.25V)
About Eurotech
Eurotech delivers embedded computer systems for high capability and
low power applications, networking and wearable computing solutions,
and application framework middleware for multimedia, industrial,
transportation, medical, and wireless applications. Eurotech platforms
allow OEM and enterprise customers to focus on their core revenue-
generating products and services and get to market quickly.
Physical Characteristics
DIMENSIONS
90 x 96 mm (3.6" X 3.8")
HEIGHT
18.6 mm (0.7”)
POWER SUPPLY
Single +5V DC +/- 5%
POWER CONSUMPTION
9.5W typical
OPERATING
TEMPERATURE
0 ~ + 60 °C (standard)
-40 ~ + 85 °C (extended)
HUMIDITY
Up to 95% non-condensing
Accessories
• RJ45 Ethernet adapter
• RJ45 Gigabit Ethernet adapter
• AC97 adapter
• Digital Flat Panel LVDS receiver
• USB adapters
• Cable Set Kit
• Development Kit
Options
• Extended operating temperature range
• Custom carrier
• Conformal coating
• Custom Connectors
Note: The information in this document is subject to change without notice and should not be construed as a commitment by EUROTECH.
While reasonable precautions have been taken, EUROTECH assumes no responsibility for any error that may appear in this document.
All trademarks or registered trademarks are the properties of their respective companies.
ETH_CPU-1474_DS251108



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com