Electronic Components Datasheet Search
  English  ▼

X  

CPU-1474 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPU-1474
Description  PC/104-Plus compliant Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPU-1474 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPU-1474 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPU-1474 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPU-1474 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPU-1474
Celeron® M Fanless SBC with Gigabit & Fast Ethernet
Features
General Features:
Architecture:
• PC/104-Plus compliant
Processor Availability:
• Intel® Celeron® M 1GHz, 512KB L2 cache, 400MHz
FSB
Chipset:
• Intel® i855GME
System Memory:
• 512MB DDR, 266MHz (PC2100), soldered onboard
Supported Operating Systems:
• WinCE®, WinXPE® and Linux®
BIOS Flash:
• 1MB Flash EPROM
Interfaces:
• IDE ATA 100 Controller
• Serial ports:
-
1x RS-232
-
1x RS-232/422/485
• 4x USB 2.0 ports
• Gigabit Ethernet (Intel® 82541 chipset)
• 10/100 Mbps Ethernet (Intel® 82562 chipset)
• Graphic controller with analog VGA and Flat Panel
LVDS interface
• AC97 audio interface
• Keyboard and Mouse
Bus:
• PC/104-Plus (PCI)
• PC/104 (ISA)
Watchdog:
• 2-255 seconds / minutes
Power Supply:
• Single +5V DC
RoHS:
• Fully RoHS (2002/95/CE) Compliant
The CPU-1474 is an embedded RoHS compliant board based on two modules:
a mezzanine CPU module combined with a PC/104-Plus form factor carrier.
The mezzanine CPU module features the Intel® Celeron® M 1GHz (having
512KB L2 cache and 400MHz FSB) processor and its Intel® i855GME chipset.
The system comes with 512MB DDR, 266MHz (PC2100), soldered onboard.
No active cooling is required to operate within the standard and extended
temperature ranges. The carrier implements all the connections to the external
world,
including
4
USB
2.0
ports,
1
Gigabit
Ethernet
interface
(1000/100/10Mbps), 1 Fast Ethernet interface (10/100Mbps), 2 Serial ports,
Analog VGA and Flat Panel LVDS outputs, 1 AC97 interface, Keyboard and
Mouse connectors and an IDE controller that supports IDE Flash device (Disk-
On-Module, Compact Flash and Flash Disk). The carrier also performs the
connections for the ISA and PCI bus enabling the CPU-1474 to stack on top of
a PC/104-Plus system. The carrier provides support for Watchdog management
and Real Time Clock (external backup battery) and can be customized to match
specific customer needs.
The BIOS for the module is embedded and is located in a 1MB Flash EPROM,
it is fully re-programmable onboard. The set-up parameters are saved in Flash
to allow the module to operate without a battery.


Similar Part No. - CPU-1474

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-1472 ETC2-CPU-1472 Datasheet
53Kb / 3P
Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
More results

Similar Description - CPU-1474

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3386 ADVANTECH-PCM-3386 Datasheet
1Mb / 3P
Intel짰 Celeron짰 M PCI-104 CPU Module
09-Nov-2009
UNO-2170 ADVANTECH-UNO-2170 Datasheet
578Kb / 1P
Intel짰 Celeron짰 M Fanless Box PC with 2 x LAN, 4 x COM, PC/104
UNO-2171 ADVANTECH-UNO-2171 Datasheet
576Kb / 1P
Intel짰 Pentium짰 M/Celeron짰 M Fanless Box PC with 2 x LAN, 4 x COM, PC/104
UNO-4678 ADVANTECH-UNO-4678 Datasheet
243Kb / 1P
Intel짰 Celeron짰 M Fanless Box PC with 3 x LAN, 8 x COM, PC/104
logo
AAEON Technology
GENE-8315W1 AAEON-GENE-8315W1 Datasheet
231Kb / 1P
Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
CPU-1472 ETC2-CPU-1472 Datasheet
53Kb / 3P
Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
CPU-1482 ETC2-CPU-1482 Datasheet
53Kb / 3P
PC/104-Plus compliant Intel짰 Pentium짰 M 1.4GHz, 2MB L2 cache 400MHz FSB
CPU-1484 ETC2-CPU-1484 Datasheet
53Kb / 3P
PC/104-Plus compliant Intel짰 Pentium짰 M 1.4GHz, 2MB L2 cache 400MHz FSB
logo
ADL Embedded Solutions
ADLL8XPC ADL-ADLL8XPC Datasheet
278Kb / 3P
PC/104-Plus
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com