Electronic Components Datasheet Search
  English  ▼

X  

AS3953A Datasheet(PDF) 8 Page - ams AG

Part # AS3953A
Description  High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A Datasheet(HTML) 8 Page - ams AG

Back Button AS3953A Datasheet HTML 4Page - ams AG AS3953A Datasheet HTML 5Page - ams AG AS3953A Datasheet HTML 6Page - ams AG AS3953A Datasheet HTML 7Page - ams AG AS3953A Datasheet HTML 8Page - ams AG AS3953A Datasheet HTML 9Page - ams AG AS3953A Datasheet HTML 10Page - ams AG AS3953A Datasheet HTML 11Page - ams AG AS3953A Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
www.ams.com
Revision 1.3
8 - 42
AS3953A
Datasheet - Electrical Character i s t ics
6.3 Electrical Specification
VP_SPI = 3.0 V, Temperature 25ºC unless noted otherwise
Symbol
Parameter
Min
Typ
Max
Units
Note
ISB_SPI
Standby consumption on VP_SPI
100
nA
@ 25ºC
VLIM
Limiter voltage
5.2
5.7
V
ILC = 30mA (DC)
IS
Supply current
250
µA
Internal supply current measured in
test mode on VREC, 13.56 MHz
alternative pulses with amplitude
2Vpp, negative peak at VSS, forced to
LC1 and LC2
VVP_REG
Regulated supply voltage
1.65
1.8
2.01
V
Set to 1.8V in EEPROM Configuration
word
VHF_PON
HF_PON threshold (rising VREG)
2.3
V
Guaranteed by design only
VPOR_HY
HF_PON hysteresis
0.8
V
VMOD
Modulator ON voltage drop
1.2
V
ILC = 1mA
3.3
ILC = 30mA
CR
Resonance capacitor for die
25.2
28
30.8
pF
Measured at 10MHz, 3.0Vpp (2.5Vpp)
Guaranteed by design
Resonance capacitor for MLPD package
28.2
31.3
34.4
Resonance capacitor for WL-CSP package
27
30
33
EEEN
EEPROM endurance
100 000
cycles
@ 125ºC
EERET
EEPROM retention
10
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com